전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TUSB9261PVP 데이터시트(PDF) 8 Page - Texas Instruments

부품명 TUSB9261PVP
상세설명  TUSB9261 USB 3.0 to SATA Bridge
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB9261PVP 데이터시트(HTML) 8 Page - Texas Instruments

Back Button TUSB9261PVP Datasheet HTML 4Page - Texas Instruments TUSB9261PVP Datasheet HTML 5Page - Texas Instruments TUSB9261PVP Datasheet HTML 6Page - Texas Instruments TUSB9261PVP Datasheet HTML 7Page - Texas Instruments TUSB9261PVP Datasheet HTML 8Page - Texas Instruments TUSB9261PVP Datasheet HTML 9Page - Texas Instruments TUSB9261PVP Datasheet HTML 10Page - Texas Instruments TUSB9261PVP Datasheet HTML 11Page - Texas Instruments TUSB9261PVP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
8
TUSB9261
SLLSE67I – MARCH 2011 – REVISED MARCH 2016
www.ti.com
Product Folder Links: TUSB9261
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
6.5 DC Electrical Characteristics for 3.3-V Digital I/O
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DRIVER
TR
Rise time
5 pF
1.5
ns
TF
Fall time
5 pF
1.53
ns
IOL
Low-level output current
VDD33 = 3.3 V, TJ = 25°C
6
mA
IOH
High-level output current
VDD33 = 3.3 V, TJ = 25°C
–6
mA
VOL
Low-level output voltage
IOL = 2 mA
0.4
V
VOH
High-level output voltage
IOL = –2 mA
2.4
V
VO
Output voltage
0
VDD33
V
RECEIVER
VI
Input voltage
0
VDD33
V
VIL
Low-level input voltage
0
0.8
V
VIH
High-level input voltage
2
V
Vhys
Input hysteresis
200
mV
tT
Input transition time (TR and TF)
10
ns
II
Input current
VI = 0 V to VDD33
5
µA
CI
Input capacitance
VDD33 = 3.3 V, TJ = 25°C
0.384
pF
(1)
Transferring data by SS USB to a SSD SATA Gen II device. No SATA power management, U0 only.
(2)
SATA Gen II SSD attached no active transfer. No SATA power management, U3 only.
(3)
All 3.3-V power rails connected together.
6.6 SuperSpeed USB Power Consumption
POWER RAIL
TYPICAL ACTIVE CURRENT (mA)(1)
TYPICAL SUSPEND CURRENT (mA)(2)
VDD11
291
153
VDD33(3)
65
28
(1)
Transferring data via HS USB to a SSD SATA Gen II device. No SATA power management.
(2)
SATA Gen II SSD attached no active transfer. No SATA power management.
(3)
All 3.3-V power rails connected together.
6.7 High-Speed USB Power Consumption
POWER RAIL
TYPICAL ACTIVE CURRENT (mA)(1)
TYPICAL SUSPEND CURRENT (mA)(2)
VDD11
172
153
VDD33(3)
56
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com