전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HCC4555B 데이터시트(PDF) 8 Page - STMicroelectronics

부품명 HCC4555B
상세설명  DUAL BINARY TO 1 OF 4 DECODER/DEMULTIPLEXERS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCC4555B 데이터시트(HTML) 8 Page - STMicroelectronics

Back Button HCC4555B Datasheet HTML 4Page - STMicroelectronics HCC4555B Datasheet HTML 5Page - STMicroelectronics HCC4555B Datasheet HTML 6Page - STMicroelectronics HCC4555B Datasheet HTML 7Page - STMicroelectronics HCC4555B Datasheet HTML 8Page - STMicroelectronics HCC4555B Datasheet HTML 9Page - STMicroelectronics HCC4555B Datasheet HTML 10Page - STMicroelectronics HCC4555B Datasheet HTML 11Page - STMicroelectronics HCC4555B Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
APPLICATIONS (continued)
1 of 16 Decoder using HCC/HCF4555B and
HCC/HCF4556B
HCC/HCF4555B Input to Q3 Output Dynamic
Signal Waveforms
HCC/HCF4556B Input to Q3 Output Dynamic
Signal Waveforms
X = Don’t care.
TRUT H TABLE
Inputs
Q Outputs
E D C B A 0 1 2 3 4 5 6 7 8 9 1 0 1 112 131 4 1 5
0 0 0 0 0 10000 0 0 0 0 0
0
00000
0 0 0 0 1 01000 0 0 0 0 0
0
00000
0 0 0 1 0 00100 0 0 0 0 0
0
00000
0 0 0 1 1 00010 0 0 0 0 0
0
00000
0 0 1 0 0 00001 0 0 0 0 0
0
00000
0 0 1 0 1 00000 1 0 0 0 0
0
00000
0 0 1 1 0 00000 0 1 0 0 0
0
00000
0 0 1 1 1 00000 0 0 1 0 0
0
00000
0 1 0 0 0 00000 0 0 0 1 0
0
00000
0 1 0 0 1 00000 0 0 0 0 1
0
00000
0 1 0 1 0 00000 0 0 0 0 0
1
00000
0 1 0 1 1 00000 0 0 0 0 0
0
10000
0 1 1 0 0 00000 0 0 0 0 0
0
01000
0 1 1 0 1 00000 0 0 0 0 0
0
00100
0 1 1 1 0 00000 0 0 0 0 0
0
00010
0 1 1 1 1 00000 0 0 0 0 0
0
00001
1 X X X X 00000 0 0 0 0 0
0
00000
HCC/HCF4555B/4556B
8/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14