| 전자부품 데이터시트 검색엔진 |
|
HCF4532 데이터시트(PDF) 8 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
HCF4532 데이터시트(HTML) 8 Page - STMicroelectronics |
|
8 / 15 page ![]() 0-TO-9 KEYBOARD ENCODER APPLICATIONS (continued) TRUTH TABLE Input Output D9 D 8 D7 D6 D5 D4 D3 D2 D 1 D0 G S Q 3’ Q2 ’ Q 1’ Q 0 1 0 X 1 X X X X X X X X X X X X X X X X 0 0 1 1 0 0 0 0 1 0 0 0 0 0 0 0 0 0 1 0 0 0 X 1 0 0 X X 1 0 X X X 1 X X X X X X X X X X X X X X X X 1 1 1 1 0 0 0 0 1 1 1 1 1 1 0 0 1 0 1 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 0 0 0 X 1 0 0 X X 1 0 X X X 1 1 1 1 1 0 0 0 0 0 0 0 0 1 1 0 0 1 0 1 0 X = Don’t Care Logic 1 ≡ High Logic 0 ≡ Low HCC/HCF4532B 8/15 |