| 전자부품 데이터시트 검색엔진 |
|
D06 데이터시트(PDF) 2 Page - Weller Tools |
|
|
|||||||||||||||||||||||||||||
D06 데이터시트(HTML) 2 Page - Weller Tools |
|
2 / 2 page ![]() 100W 19 Model Dimensions Components Description Order No. X x Y Two sides heated (type D) D10 18,0 x 10,0 mm SO 28 hot air nozzle 005 87 277 84 with hotplate D08 15,0 x 10,0 mm hot air nozzle 005 87 277 81 with hotplate D06 13,0 x 10,0 mm hot air nozzle 005 87 277 82 with hotplate D04 10,5 x 10,5 mm hot air nozzle 005 87 277 79 with hotplate All 4 sides heated (type D) SK 709 12,0 x 12,0 mm hot air nozzle 005 87 278 12 SK 769A 16,0 x 16,0 mm with hotplate 005 87 278 16 Q10 18,0 x 18,0 mm 005 87 277 85 Q08 12,5 x 15,0 mm hot air nozzle 005 87 277 83 with hotplate Q06 15,0 x 10,0 mm hot air nozzle 005 87 277 80 Q04 6,0 x 9,0 mm hot air nozzle 005 87 277 78 Q02 6,0 x 6,5 mm hot air nozzle 005 87 277 77 Measuring nozzle R01 measuring nozzle 005 87 278 08 |