전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LSF0108 데이터시트(PDF) 66 Page - Nexperia B.V. All rights reserved

부품명 LSF0108
상세설명  Discrete and MOSFET components, analog & logic ICs
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NEXPERIA [Nexperia B.V. All rights reserved]
홈페이지  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

LSF0108 데이터시트(HTML) 66 Page - Nexperia B.V. All rights reserved

Back Button LSF0108 Datasheet HTML 62Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 63Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 64Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 65Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 66Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 67Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 68Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 69Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 70Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 234 page
background image
Automotive ESD protection and TVS 
TVS 600 W
Type
(Tj max = 150
°C)
Type
(Tj max = 185
°C)
Package
Size (mm)
600
3.5
5.20
5.60
6.00
10
8
75
5
600
PTVS3V3P1UP
PTVS3V3P1UTP
SOD128
3.8 x 2.6 x 1.0
5
6.40
6.70
7.00
10
9.2
65.2
5
400
PTVS5V0P1UP
PTVS5V0P1UTP
6
6.67
7.02
7.37
10
10.3
58.3
5
400
PTVS6V0P1UP
PTVS6V0P1UTP
6.5
7.22
7.60
7.98
10
11.2
53.6
5
250
PTVS6V5P1UP
PTVS6V5P1UTP
7
7.78
8.20
8.60
10
12
50
3
100
PTVS7V0P1UP
PTVS7V0P1UTP
7.5
8.33
8.77
9.21
1
12.9
46.5
0.2
50
PTVS7V5P1UP
PTVS7V5P1UTP
8
8.89
9.36
9.83
1
13.6
44.1
0.03
25
PTVS8V0P1UP
PTVS8V0P1UTP
8.5
9.44
9.92
10.40
1
14.4
41.7
0.01
10
PTVS8V5P1UP
PTVS8V5P1UTP
9
10.00
10.55
11.10
1
15.4
39
0.005
5
PTVS9V0P1UP
PTVS9V0P1UTP
10
11.10
11.70
12.30
1
17
35.3
0.005
2.5
PTVS10VP1UP
PTVS10VP1UTP
11
12.20
12.85
13.50
1
18.2
33
0.005
2.5
PTVS11VP1UP
PTVS11VP1UTP
12
13.30
14.00
14.70
1
19.9
30.2
0.005
2.5
PTVS12VP1UP
PTVS12VP1UTP
13
14.40
15.15
15.90
1
21.5
27.9
0.001
0.1
PTVS13VP1UP
PTVS13VP1UTP
14
15.60
16.40
17.20
1
23.2
25.9
0.001
0.1
PTVS14VP1UP
PTVS14VP1UTP
15
16.70
17.60
18.50
1
24.4
24.6
0.001
0.1
PTVS15VP1UP
PTVS15VP1UTP
16
17.80
18.75
19.70
1
26
23.1
0.001
0.1
PTVS16VP1UP
PTVS16VP1UTP
17
18.90
19.90
20.90
1
27.6
21.7
0.001
0.1
PTVS17VP1UP
PTVS17VP1UTP
18
20.00
21.00
22.10
1
29.2
20.5
0.001
0.1
PTVS18VP1UP
PTVS18VP1UTP
20
22.20
23.35
24.50
1
32.4
18.5
0.001
0.1
PTVS20VP1UP
PTVS20VP1UTP
22
24.40
25.60
26.90
1
35.5
16.9
0.001
0.1
PTVS22VP1UP
PTVS22VP1UTP
24
26.70
28.10
29.50
1
38.9
15.4
0.001
0.1
PTVS24VP1UP
PTVS24VP1UTP
26
28.90
30.40
31.90
1
42.1
14.2
0.001
0.1
PTVS26VP1UP
PTVS26VP1UTP
28
31.10
32.80
34.40
1
45.4
13.2
0.001
0.1
PTVS28VP1UP
PTVS28VP1UTP
30
33.30
35.10
36.80
1
48.4
12.4
0.001
0.1
PTVS30VP1UP
PTVS30VP1UTP
33
36.70
38.70
40.60
1
53.3
11.3
0.001
0.1
PTVS33VP1UP
PTVS33VP1UTP
36
40.00
42.10
44.20
1
58.1
10.3
0.001
0.1
PTVS36VP1UP
PTVS36VP1UTP
40
44.40
46.80
49.10
1
64.5
9.3
0.001
0.1
PTVS40VP1UP
PTVS40VP1UTP
43
47.80
50.30
52.80
1
69.4
8.6
0.001
0.1
PTVS43VP1UP
PTVS43VP1UTP
45
50.00
52.65
55.30
1
72.7
8.3
0.001
0.1
PTVS45VP1UP
PTVS45VP1UTP
48
53.30
56.10
58.90
1
77.4
7.8
0.001
0.1
PTVS48VP1UP
PTVS48VP1UTP
51
56.70
59.70
62.70
1
82.4
7.3
0.001
0.1
PTVS51VP1UP
PTVS51VP1UTP
54
60.00
63.15
66.30
1
87.1
6.9
0.001
0.1
PTVS54VP1UP
PTVS54VP1UTP
58
64.40
67.80
71.20
1
93.6
6.4
0.001
0.1
PTVS58VP1UP
PTVS58VP1UTP
60
66.70
70.20
73.70
1
96.8
6.2
0.001
0.1
PTVS60VP1UP
PTVS60VP1UTP
64
71.10
74.85
78.60
1
103
5.8
0.001
0.1
PTVS64VP1UP
PTVS64VP1UTP
[1]
10/1000µs according to IEC 61643-321
Nexperia selection guide 2020
66



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com