전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LSF0108 데이터시트(PDF) 159 Page - Nexperia B.V. All rights reserved

부품명 LSF0108
상세설명  Discrete and MOSFET components, analog & logic ICs
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NEXPERIA [Nexperia B.V. All rights reserved]
홈페이지  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

LSF0108 데이터시트(HTML) 159 Page - Nexperia B.V. All rights reserved

Back Button LSF0108 Datasheet HTML 155Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 156Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 157Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 158Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 159Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 160Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 161Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 162Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 163Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 234 page
background image
Synchronous interface analog & logic ICs
Type number
Description
V
CC
(V)
Output drive
capability
(mA)
Logic
switching
levels
t
pd (ns)
Output
Load C
L
(pF)
f
max
(MHz)
T
amb (°C)
74LVC161
Presettable synchronous 4-bit binary counter;
asynchronous reset
1.2 - 3.6
±24
CMOS/
LVTTL
4.9
50
200
-40 to 125
74LVC163
Presettable synchronous 4-bit binary counter;
synchronous reset
1.2 - 3.6
±24
CMOS/
LVTTL
4.9
50
200
-40 to 125
HEF4017B
Johnson decade counter with 10 decoded outputs
3.0 - 15
±2.4
CMOS
40
50
30
-40 to 85
HEF4020B
14-stage binary ripple counter
3.0 - 15
±2.4
CMOS
35
50
35
-40 to 85
HEF4024B
7-stage binary ripple counter
3.0 - 15
±2.4
CMOS
30
50
35
-40 to 85
HEF4040B
12-stage binary ripple counter
3.0 - 15
±2.4
CMOS
35
50
50
-40 to 85
HEF4060B
14-stage binary ripple counter with oscillator
3.0 - 15
±2.4
CMOS
50
50
30
-40 to 85
HEF4518B
Dual BCD counter
3.0 - 15
±2.4
CMOS
40
50
40
-40 to 85
HEF4520B
Dual 4-bit synchronous binary counter
3.0 - 15
±2.4
CMOS
15
50
40
-40 to 85
HEF4521B
24-stage frequency divider and oscillator
3.0 - 15
±2.4
CMOS
220
50
35
-40 to 85
HEF4541B
Programmable timer
3.0 - 15
- 4/ 2.7
CMOS
38
50
150
-40 to 85
Phase-locked loops
Type number
Description
V
CC (V)
Logic
switching
levels
Output
drive
capability
(mA)
t
pd (ns)
Output
Load C
L (pF)
F
max (MHz)
T
amb (°C)
74HC4046A
Phase-locked loop with VCO
3.0 - 6.0
CMOS
±5.2
18
50
21
-40 to 125
74HCT4046A
Phase-locked loop with VCO; TTL-enabled
4.5 - 5.5
TTL
±4
23
50
19
-40 to 125
74HCT9046A
Phase-locked loop with bandgap controlled
VCO; TTL-enabled
4.5 - 5.5
TTL
±4
23
50
19
-40 to 125
HEF4046B
Phase-locked loop with VCO
3.0 - 15.0
CMOS
±2.4
50
2.7
-40 to 125
Counters/frequency dividers
Multivibrators
Type number
Description
V
CC (V)
Logic switch-
ing levels
Output drive
capability
(mA)
t
pd (ns)
Output Load
C
L (pF)
T
amb (°C)
74AHC123A
Dual retriggerable monostable
multivibrator with reset
2.0 - 5.5
CMOS
±8
5.1
50
-40 to 125
74AHCT123A
Dual retriggerable monostable
multivibrator with reset; TTL-enabled
4.5 - 5.5
TTL
±8
5.0
50
-40 to 125
74HC123
Dual retriggerable monostable
multivibrator with reset
2.0 - 6.0
CMOS
±7.8
9.0
50
-40 to 125
74HCT123
Dual retriggerable monostable
multivibrator with reset; TTL-enabled
4.5 - 5.5
TTL
±4
26
50
-40 to 125
74HCT221
dual non-retriggerable monostable
multivibrator with reset; TTL-enabled
4.5 - 5.5
TTL
±4
32
50
-40 to 125
74HC423
Dual retriggerable monostable
multivibrator with reset
2.0 - 6.0
CMOS
±5.2
23
50
-40 to 125
74HCT423
Dual retriggerable monostable
multivibrator with reset; TTL-enabled
4.5 - 5.5
TTL
±4
26
50
-40 to 125
74HC4538
Dual retriggerable precision monostable
multivibrator
2.0 - 6.0
CMOS
±5.2
27
50
-40 to 125
74HCT4538
Dual retriggerable precision monostable
multivibrator; TTL-enabled
4.5 - 5.5
TTL
±4
30
50
-40 to 125
74LV123
Dual retriggerable monostable
multivibrator with reset
1.0 - 5.5
TTL
±12
20
50
-40 to 125
74LVC1G123
Single retriggerable monostable
multivibrator
1.65 - 5.5
CMOS/LVTTL
±32
3.5
50
-40 to 125
HEF4047B
Monostable/astable multivibrator
3.0 - 15
CMOS
±2.4
50
50
-40 to 85
HEF4528B
Dual retriggerable monostable
multivibrator with reset
3.0 - 15
CMOS
±2.4
40
50
-40 to 85
HEF4538B
Dual retriggerable precision monostable
multivibrator
3.0 - 15
CMOS
±2.4
60
50
-40 to 85
159



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com