전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DAC39RFS10 데이터시트(PDF) 65 Page - Texas Instruments

부품명 DAC39RFS10
상세설명  DDS39RF12 and DDS39RFS12, 12GSPS to 24GSPS, Dual and Single Channel, Multi- Nyquist Direct Digital Synthesizer (DDS)
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

DAC39RFS10 데이터시트(HTML) 65 Page - Texas Instruments

Back Button DAC39RFS10 Datasheet HTML 61Page - Texas Instruments DAC39RFS10 Datasheet HTML 62Page - Texas Instruments DAC39RFS10 Datasheet HTML 63Page - Texas Instruments DAC39RFS10 Datasheet HTML 64Page - Texas Instruments DAC39RFS10 Datasheet HTML 65Page - Texas Instruments DAC39RFS10 Datasheet HTML 66Page - Texas Instruments DAC39RFS10 Datasheet HTML 67Page - Texas Instruments DAC39RFS10 Datasheet HTML 68Page - Texas Instruments DAC39RFS10 Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 177 page
background image
Normalized Frequency (/FCLK)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
-80
-70
-60
-50
-40
-30
-20
-10
0
10
20
DES2XL
DES2XH
Figure 7-48. DES Interpolator Frequency Response
Normalized Frequency (/FCLK)
0
0.04 0.08 0.12 0.16 0.2 0.24 0.28 0.32 0.36 0.4
-0.1
-0.08
-0.06
-0.04
-0.02
0
0.02
0.04
0.06
0.08
0.1
Figure 7-49. DES Interpolator Frequency Response
(Passband)
7.3.7 JESD204C Interface
The devices uses a JESD204C high-speed serial interface to transfer data from the logic device to the receiving
DAC. The device serial lanes are capable of operating with both 8b/10b encoding and 64b/66b encoding. The
JESD204C formats using 8b/10b encoding are backwards compatible with existing JESD204B receivers. A
maximum of 2 lanes can be used to lower lane rates for interfacing with speed limited logic devices. There are
a few differences between 8b/10b and 64b/66b encoding, which is highlighted throughout this section. Figure
7-50 shows a simplified block diagram of the 8b/10b encoded JESD204C interface and Figure 7-51 shows a
simplified block diagram of the 64b/66b encoded JESD204C interface.
DAC
TRANSPORT
LAYER
SCRAMBLER
(Optional)
SERDES
TX PHY
8b/10b
LINK LAYER
APPLICATION
LAYER
TRANSPORT
LAYER
DESCRAMBLE
(Optional)
SERDES
RX PHY
8b/10b
LINK LAYER
Logic Device
JESD204B or JESD204C Block
DAC Device
JESD204C Block
ANALOG
CHANNEL
Figure 7-50. Simplified JESD204C Interface Diagram with 8b/10b Encoding
www.ti.com
DDS39RF12, DDS39RFS12
SBASB21 – SEPTEMBER 2024
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
65
Product Folder Links: DDS39RF12 DDS39RFS12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More