전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DDS39RF12ACK 데이터시트(PDF) 30 Page - Texas Instruments

부품명 DDS39RF12ACK
상세설명  DDS39RF12 and DDS39RFS12, 12GSPS to 24GSPS, Dual and Single Channel, Multi- Nyquist Direct Digital Synthesizer (DDS)
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

DDS39RF12ACK 데이터시트(HTML) 30 Page - Texas Instruments

Back Button DDS39RF12ACK Datasheet HTML 26Page - Texas Instruments DDS39RF12ACK Datasheet HTML 27Page - Texas Instruments DDS39RF12ACK Datasheet HTML 28Page - Texas Instruments DDS39RF12ACK Datasheet HTML 29Page - Texas Instruments DDS39RF12ACK Datasheet HTML 30Page - Texas Instruments DDS39RF12ACK Datasheet HTML 31Page - Texas Instruments DDS39RF12ACK Datasheet HTML 32Page - Texas Instruments DDS39RF12ACK Datasheet HTML 33Page - Texas Instruments DDS39RF12ACK Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 177 page
background image
6.9 Switching Characteristics (continued)
Typical values at TA = +25°C, minimum and maximum values over operating free-air temperature range, typical supply
voltages, fCLK = 12 GHz, IFS_SWITCH = 20.5 mA, single tone amplitude = 0 dBFS, Dither and DEM enabled, unless otherwise
noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
t FRCLK _PL
FRCLK pulse width low
2
ns
t FRDI_SU
FRDI setup time
1
ns
tFRDI _H
FRDI hold time
1
ns
t FRCS_SU
FRCS setup time
1
ns
t FRCS_H
FRCS hold time
1
ns
tFR_IAG
Inter-access gap
1
ns
(1)
The delay depends on how long it takes the JESD link to start up and the mode dependent device latency. Add the link layer startup
time and the mode depedent latency (TDAC_LAT) from the latency calculator spreadsheet.
(2)
Pulse durations less than this produce undefined behavior.
(3)
Pulse durations less than this may have no effect on the output.
(4)
8b/10b encoding required for < 2 Gbps
DDS39RF12, DDS39RFS12
SBASB21 – SEPTEMBER 2024
www.ti.com
30
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: DDS39RF12 DDS39RFS12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com