전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA2SXABC 데이터시트(PDF) 78 Page - Texas Instruments

부품명 TDA2SXABC
상세설명  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SXABC 데이터시트(HTML) 78 Page - Texas Instruments

Back Button TDA2SXABC Datasheet HTML 74Page - Texas Instruments TDA2SXABC Datasheet HTML 75Page - Texas Instruments TDA2SXABC Datasheet HTML 76Page - Texas Instruments TDA2SXABC Datasheet HTML 77Page - Texas Instruments TDA2SXABC Datasheet HTML 78Page - Texas Instruments TDA2SXABC Datasheet HTML 79Page - Texas Instruments TDA2SXABC Datasheet HTML 80Page - Texas Instruments TDA2SXABC Datasheet HTML 81Page - Texas Instruments TDA2SXABC Datasheet HTML 82Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 427 page
background image
Copyright © 2015–2019, Texas Instruments Incorporated
Terminal Configuration and Functions
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
78
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
www.ti.com
Table 4-3. Multiplexing Characteristics (continued)
ADDRESS
REGISTER NAME
BALL
NUMBER
MUXMODE FIELD SETTINGS (CTRL_CORE_PAD_*[3:0])
0
1
2
3
4
5
6
7
8
9
10
14
15
AG15
ljcb_clkp
AF24
ddr1_d4
U25
ddr2_wen
F27
ddr2_d5
V25
ddr1_ecc_d6
M27
ddr2_dqsn3
G26
ddr2_d12
AG19
hdmi1_data2x
AF21
ddr1_a4
E27
ddr2_d6
F24
ddr2_d3
H26
ddr2_d11
W23
ddr1_ecc_d3
Y27
ddr1_dqsn3
AC24
ddr1_d14
J24
ddr2_d15
R26
ddr2_a1
G27
ddr2_dqsn0
AF28
ddr1_d11
AA23
ddr1_d24
AD18
ddr1_a15
H23
ddr2_d8
AH16
hdmi1_clocky
AC20
ddr1_a2
AA24
ddr1_d27
W19
ddr1_ecc_d2
L24
ddr2_d20
AG11
pcie_rxn1
AG21
ddr1_rst
AE28
ddr1_dqsn1
AC11
usb_txn0
L22
ddr2_d16
U28
ddr2_casn
K22
ddr2_d22
AG25
ddr1_dqsn0
W20
ddr1_d17
AF14
rtc_iso
AA27
ddr1_dqm3
AF25
ddr1_d0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More