전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AMG200LP 데이터시트(PDF) 6 Page - AEROTECH US. ALL RIGHTS RESERVED.

부품명 AMG200LP
상세설명  Low-Profile Direct-Drive Gimbals
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AEROTECH [AEROTECH US. ALL RIGHTS RESERVED.]
홈페이지  https://www.aerotech.com/
Logo AEROTECH - AEROTECH US. ALL RIGHTS RESERVED.

AMG200LP 데이터시트(HTML) 6 Page - AEROTECH US. ALL RIGHTS RESERVED.

  AMG200LP Datasheet HTML 1Page - AEROTECH US. ALL RIGHTS RESERVED. AMG200LP Datasheet HTML 2Page - AEROTECH US. ALL RIGHTS RESERVED. AMG200LP Datasheet HTML 3Page - AEROTECH US. ALL RIGHTS RESERVED. AMG200LP Datasheet HTML 4Page - AEROTECH US. ALL RIGHTS RESERVED. AMG200LP Datasheet HTML 5Page - AEROTECH US. ALL RIGHTS RESERVED. AMG200LP Datasheet HTML 6Page - AEROTECH US. ALL RIGHTS RESERVED.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
www.aerotech.com
www.aerotech.com
6
AMG-LP Low Profile Direct-Drive Gimbals
AMG100LP
AMG100 low-profile direct-drive gimbal
AMG150LP
AMG150 low-profiledirect-drive gimbal
AMG200LP
AMG200 low-profile direct-drive gimbal
Feedback (Required)
-E1
Incremental encoder, 1 Vpp
-E2
Incremental encoder, TTL, x5 interpolation
-E3
Incremental encoder, TTL, x10 interpolation
-E4
Incremental encoder, TTL, x25 Interpolation
-E5
Incremental encoder, TTL, x50 Interpolation
Metrology (Required)
-PL1
Metrology, uncalibrated with performance plots
-PL2
Metrology, calibrated (HALAR) wtih performance plots
Integration (Required)
Aerotech offers both standard and custom integration services to help you get your system fully operational as quickly as possible. The
following standard integration options are available for this system. Please consult Aerotech if you are unsure what level of integration is
required, or if you desire custom integration support with your system.
-TAS
Integration - Test as system
Testing, integration, and documentation of a group of components as a complete system that will
be used together (ex: drive, controller, and stage). This includes parameter file generation, system
tuning, and documentation of the system configuration.
-TAC
Integration - Test as components
Testing and integration of individual items as discrete components that ship together. This is
typically used for spare parts, replacement parts, or items that will not be used together. These
components may or may not be part of a larger system.
AMG-LP Series ORDERING INFORMATION



Html Pages

1 2 3 4 5 6