전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IMSC011-P20S 데이터시트(PDF) 28 Page - STMicroelectronics

부품명 IMSC011-P20S
상세설명  Link adaptor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IMSC011-P20S 데이터시트(HTML) 28 Page - STMicroelectronics

Back Button IMSC011-P20S Datasheet HTML 22Page - STMicroelectronics IMSC011-P20S Datasheet HTML 23Page - STMicroelectronics IMSC011-P20S Datasheet HTML 24Page - STMicroelectronics IMSC011-P20S Datasheet HTML 25Page - STMicroelectronics IMSC011-P20S Datasheet HTML 26Page - STMicroelectronics IMSC011-P20S Datasheet HTML 27Page - STMicroelectronics IMSC011-P20S Datasheet HTML 28Page - STMicroelectronics IMSC011-P20S Datasheet HTML 29Page - STMicroelectronics IMSC011-P20S Datasheet HTML 30Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 28 / 30 page
background image
IMS C011
/30
28
8.5
Thermal specification
The IMS C011 is tested to a maximum silicon temperature of 100
_C. For operation within the given specifi-
cations, the case temperature should not exceed 85
_C.
For temperatures above 85
_C the operation of the device cannot be guaranteed and reliability may be
impaired.
For further information on reliability refer to the SGS–THOMSON Microelectronics Quality and Reliability
Program.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30