전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF540FI 데이터시트(PDF) 4 Page - STMicroelectronics

부품명 IRF540FI
상세설명  N - CHANNEL100V - 00.50ohm - 30A - TO-220/TO-220FI POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IRF540FI 데이터시트(HTML) 4 Page - STMicroelectronics

  IRF540FI Datasheet HTML 1Page - STMicroelectronics IRF540FI Datasheet HTML 2Page - STMicroelectronics IRF540FI Datasheet HTML 3Page - STMicroelectronics IRF540FI Datasheet HTML 4Page - STMicroelectronics IRF540FI Datasheet HTML 5Page - STMicroelectronics IRF540FI Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
4.40
4.60
0.173
0.181
C
1.23
1.32
0.048
0.051
D
2.40
2.72
0.094
0.107
D1
1.27
0.050
E
0.49
0.70
0.019
0.027
F
0.61
0.88
0.024
0.034
F1
1.14
1.70
0.044
0.067
F2
1.14
1.70
0.044
0.067
G
4.95
5.15
0.194
0.203
G1
2.4
2.7
0.094
0.106
H2
10.0
10.40
0.393
0.409
L2
16.4
0.645
L4
13.0
14.0
0.511
0.551
L5
2.65
2.95
0.104
0.116
L6
15.25
15.75
0.600
0.620
L7
6.2
6.6
0.244
0.260
L9
3.5
3.93
0.137
0.154
DIA.
3.75
3.85
0.147
0.151
L6
L7
L2
Dia.
L5
L4
L9
TO-220 MECHANICAL DATA
P011C
IRF540/IRF540FI
4/6



Html Pages

1 2 3 4 5 6