| 전자부품 데이터시트 검색엔진 |
|
ASD2-24.576MHZ-E-R-S 데이터시트(PDF) 3 Page - Abracon Corporation |
|
|
|||||||||||||||||||||||||||||
ASD2-24.576MHZ-E-R-S 데이터시트(HTML) 3 Page - Abracon Corporation |
|
3 / 4 page ![]() | OUTLINE DRAWING: ASD SERIES OPTIONS AND PART IDENTIFICATION: 30332 Esperanza, Rancho Santa Margarita, California92688 tel 949-546-8000 | fax 949-546-8001| www.abracon.com Visit www.abracon.com for Terms & Conditions of Sale CERTIFIED ABRACON IS CERTIFIED ABRACON IS ISO9001:2008 CERTIFIED Dimensions: inches (mm) HCMOS SMD Crystal Oscillator Revised: 01.19.15 ASD - - MHz - - - - P/N and Vdd (V) Blank: 3.3±5% 1: 3.0±5% 2: 2.5±5% 3: 1.8±5% 6: 1.0±5% Packaging Blank: Bulk T: 1000pcs/Reel T2: 250pcs/Reel T3: 3000pcs/Reel Duty Cycle Blank : 40/60% @ 1/2Vdd S: 45/55% @ 1/2Vdd Frequency in MHz e.g. 24.576MHz 14.31818MHz 26.000MHz Overall Freq. Stability J(*): ±20ppm R(**): ±25ppm K: ±30ppm H: ±35ppm C: ±50ppm Operating Temp. E: -20°C ~ +70°C (STD) F: -30°C ~ +70°C N: -30°C ~ +85°C L: -40°C ~ +85°C M(***): -40°C ~ +105°C V(***): -40°C ~ +125°C *: Standard only **: E,F, N and L only ***: ± 100 ppm only Note1: Recommend using an approximately 0.01uF bypass capacitor between PIN 2 and 4. Pin Function 1 Tri-State 2 GND/Case 3 Output 4 Vdd 2.5 X 2.0 X 1.0 mm |