전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSM2311CBZ-R2 데이터시트(PDF) 16 Page - Analog Devices

부품명 SSM2311CBZ-R2
상세설명  Filterless High Efficiency Mono 3 W Class-D Audio Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

SSM2311CBZ-R2 데이터시트(HTML) 16 Page - Analog Devices

Back Button SSM2311CBZ-R2 Datasheet HTML 12Page - Analog Devices SSM2311CBZ-R2 Datasheet HTML 13Page - Analog Devices SSM2311CBZ-R2 Datasheet HTML 14Page - Analog Devices SSM2311CBZ-R2 Datasheet HTML 15Page - Analog Devices SSM2311CBZ-R2 Datasheet HTML 16Page - Analog Devices SSM2311CBZ-R2 Datasheet HTML 17Page - Analog Devices SSM2311CBZ-R2 Datasheet HTML 18Page - Analog Devices SSM2311CBZ-R2 Datasheet HTML 19Page - Analog Devices SSM2311CBZ-R2 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
SSM2311
Rev. 0 | Page 16 of 20
INPUT CAPACITOR SELECTION
The SSM2311 does not require input coupling capacitors if the
input signal is biased from 1.0 V to VDD − 1.0 V. Input capacitors
are required if the input signal is not biased within this recom-
mended input dc common-mode voltage range, if high-pass
filtering is needed (Figure 43), or if using a single-ended source
(Figure 44). If high-pass filtering is needed at the input, the input
capacitor along with the input resistor of the SSM2311 forms a
high-pass filter whose corner frequency is determined by the
following equation:
fC = 1/(2π × RIN × CIN)
The input capacitor can significantly affect the performance of
the circuit. Not using input capacitors degrades both the output
offset of the amplifier and the PSRR performance.
PROPER POWER SUPPLY DECOUPLING
To ensure high efficiency, low THD, and high PSRR, proper power
supply decoupling is necessary. Noise transients on the power
supply lines are short-duration voltage spikes. Although the actual
switching frequency can range from 10 kHz to 100 kHz, these
spikes can contain frequency components that extend into the
hundreds of megahertz. The power supply input needs to be
decoupled with a good quality low ESL, low ESR capacitor—usually
of around 4.7 μF. This capacitor bypasses low frequency noises
to the ground plane. For high frequency transients noises, use a
0.1 μF capacitor as close as possible to the VDD pin of the device.
Placing the decoupling capacitor as close as possible to the SSM2311
helps maintain efficiency performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20