전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

EVB71121 데이터시트(PDF) 4 Page - Melexis Microelectronic Systems

부품명 EVB71121
상세설명  300 to 930MHz Receiver Evaluation Board Description
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MELEXIS [Melexis Microelectronic Systems]
홈페이지  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

EVB71121 데이터시트(HTML) 4 Page - Melexis Microelectronic Systems

  EVB71121 Datasheet HTML 1Page - Melexis Microelectronic Systems EVB71121 Datasheet HTML 2Page - Melexis Microelectronic Systems EVB71121 Datasheet HTML 3Page - Melexis Microelectronic Systems EVB71121 Datasheet HTML 4Page - Melexis Microelectronic Systems EVB71121 Datasheet HTML 5Page - Melexis Microelectronic Systems EVB71121 Datasheet HTML 6Page - Melexis Microelectronic Systems EVB71121 Datasheet HTML 7Page - Melexis Microelectronic Systems EVB71121 Datasheet HTML 8Page - Melexis Microelectronic Systems EVB71121 Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
PR
EL
IM
INA
RY
EVB71121
300 to 930MHz Receiver
Evaluation Board Description
39012 71121 01
Page 4 of 18
EVB Description
Rev. 003
Jan/08
1.3
Block Diagram
Fig. 1:
MLX71121 block diagram
The MLX71121 receiver IC consists of the following building blocks:
PLL synthesizer (PLL SYNTH) to generate the first and second local oscillator signals LO1 and LO2.
The PLL SYNTH consists of a fully integrated voltage-controlled oscillator (VCO), a distributed feedback
divider chain (N1, N2), a phase-frequency detector (PFD) a charge pump (CP), a loop filter (LF) and a
crystal-based reference oscillator (RO).
Two low-noise amplifiers (LNA) for high-sensitivity RF signal reception
First mixer (MIX1) for down-conversion of the RF signal to the first IF (intermediate frequency)
Second mixer (MIX2) with image rejection for down-conversion from the first to the second IF
IF Filter (IFF) with a 1.8MHz center frequency and a 300kHz 3dB bandwidth
IF amplifier (IFA) to provide a high voltage gain and an RSSI signal output
FSK demodulator (FSK DEMOD)
Operational amplifiers OA1 and OA2 for low-pass filtering and data slicing, respectively
Positive (PKDET+) and negative (PKDET-) peak detectors
Switches SW1 to select between FSK and ASK as well as SW2 to chose between averaging or peak
detection mode.
Noise cancellation filter (NCF)
Sequencer circuit (SEQ) and biasing (BIAS) circuit
Clock output (DIV8)
LNAI1
LNAI2
LNASEL
MIX1
IFA
LO2
LO1
LNA2
LNA1
IFF
RO
VCO
N2
counter
N1
counter
PFD
LF
CP
DIV 8
FSK
DEMOD
PKDET+
PKDET
_
25
4
6
3
VEE
2
VEE
7
1
28
5
8
30
32
TEST
26
RFSEL
31
15
14
24
27
13
12
11
10
9
OA1
16
17
BIAS
SEQ
NCF
OA2
22
19
ASK
FSK
SW1
SW2
100k
100k
DTAO
29
CINT
23
DFO
PDP
PDN
18
20
21
MIX2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com