| 전자부품 데이터시트 검색엔진 |
|
STM32WL33CCV6 데이터시트(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32WL33CCV6 데이터시트(HTML) 4 Page - STMicroelectronics |
|
4 / 6 page ![]() 2 Development environment STM32 32-bit microcontrollers are based on the Arm® Cortex®-M processor. Note: Arm is a registered trademark of Arm Limited (or its subsidiaries) in the US and/or elsewhere. 2.1 System requirements • Multi ‑OS support: Windows® 10, Linux® 64-bit, or macOS® • USB Type-A or USB Type-C® to USB Type-C® cable Note: macOS® is a trademark of Apple Inc., registered in the U.S. and other countries and regions. Linux® is a registered trademark of Linus Torvalds. Windows is a trademark of the Microsoft group of companies. 2.2 Development toolchains • IAR Systems® - IAR Embedded Workbench®(1) • Keil® - MDK-ARM(1) • STMicroelectronics - STM32CubeIDE 1. On Windows® only. NUCLEO-WL33CC1 NUCLEO-WL33CC2 Development environment DB5352 - Rev 2 page 4/6 |