전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL9301IRZ 데이터시트(PDF) 2 Page - Intersil Corporation

부품명 ISL9301IRZ
상세설명  High Input Voltage Charger With Power Path Management
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9301IRZ 데이터시트(HTML) 2 Page - Intersil Corporation

  ISL9301IRZ Datasheet HTML 1Page - Intersil Corporation ISL9301IRZ Datasheet HTML 2Page - Intersil Corporation ISL9301IRZ Datasheet HTML 3Page - Intersil Corporation ISL9301IRZ Datasheet HTML 4Page - Intersil Corporation ISL9301IRZ Datasheet HTML 5Page - Intersil Corporation ISL9301IRZ Datasheet HTML 6Page - Intersil Corporation ISL9301IRZ Datasheet HTML 7Page - Intersil Corporation ISL9301IRZ Datasheet HTML 8Page - Intersil Corporation ISL9301IRZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
FN6435.0
February 25, 2008
Absolute Maximum Ratings (Reference to GND)
Thermal Information
VIN . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 30V
All other pins . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 7V
Recommended Operating Conditions
Ambient Temperature Range . . . . . . . . . . . . . . . . . . .-40°C to +85°C
Maximum Supply Voltage (VIN Pin). . . . . . . . . . . . . . . . . . . . . . 28V
Operating Supply Voltage (VIN Pin). . . . . . . . . . . . . . . . 4.3V to 10V
Programmed Charge Current . . . . . . . . . . . . . . . . . 50mA to 450mA
Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0mA to 800mA
Thermal Resistance (Typical)
θJA (°C/W) θJC (°C/W)
DFN Package (Notes 1, 2) . . . . . . . . . .
40
2.5
Maximum Junction Temperature (Plastic Package) . . . . . . . +150°C
Maximum Storage Temperature Range . . . . . . . . . . -65°C to +150°C
Pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
NOTES:
1.
θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See
Tech Brief TB379.
2. For theta
θ
JC, the "case temp" location is the center of the exposed metal pad on the package underside.
Electrical Specifications
Typical values are tested at VIN = 5V and the ambient temperature at +25°C. All maximum and minimum
values are established under the recommended operating supply voltage range and ambient temperature
range, unless otherwise noted.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
POWER-ON RESET
Rising POR Threshold
VPOR
VBAT = 3.0V, use PPR to indicate the comparator
output.
3.3
3.9
4.3
V
Falling POR Threshold
VPOR
3.1
3.6
4.15
V
VOUT-BAT OFFSET VOLTAGE
Rising Edge
VOS
VBAT = 4.0V, use CHG pin to indicate the comparator
output (Note 3)
-
110
250
mV
Falling Edge
VOS
10
100
-
mV
VIN OVERVOLTAGE PROTECTION
Over Voltage Protection Threshold
VOVP
Use PPR to indicate the comparator output
10
10.5
13
V
OVP Threshold Hysteresis
200
400
500
mV
STANDBY CURRENT
BAT Pin Sink Current
ISTANDBY Charger disabled or the input is floating
-
-
1.0
µA
BAT Pin Supply Current
IVBAT
No supply at VIN, BATON = HI
-
10
-
µA
VIN Pin Supply Current
IVIN
Charger enabled
-
1
-
mA
VOLTAGE REGULATION
Output Voltage
VOUT
System current + charge current = 15mA
4.40
4.50
4.62
V
Output PPM Threshold Voltage
VDPPM
4.22
4.35
4.45
V
Charger Output Voltage
VBAT
Charge current = 10mA
4.158
4.20
4.242
V
IREF PIN Voltage
VIREF
VBAT = 3.8V
1.165
1.20
1.245
V
MOSFET ON-RESISTANCE
Regulator MOSFET rDS(ON)
rDS(ON)
VOUT = 4.4V, Total current = 0.3A
-
0.8
1.2
Ω
Charger MOSFET rDS(ON)
rDS(ON)
VBAT = 3.8V, charge current = 0.2A
-
0.1
0.15
Ω
RECHARGE THRESHOLD
Recharge Voltage Threshold
VRECHG
Relative to VBAT
-200
-150
-100
mV
CURRENT REGULATION (Note 4)
Input Current Limit
ILIM
VOUT = 4.5V
600
800
1200
mA
Constant Charge Current
ICHG
RIREF = 26.7kΩ, VBAT = 2.8V - 4.0V
130
145
160
mA
ISL9301



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com