전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

US65 데이터시트(PDF) 9 Page - Melexis Microelectronic Systems

부품명 US65
상세설명  Two-Coil Low Noise Fan Driver High Output Current
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MELEXIS [Melexis Microelectronic Systems]
홈페이지  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

US65 데이터시트(HTML) 9 Page - Melexis Microelectronic Systems

Back Button US65 Datasheet HTML 4Page - Melexis Microelectronic Systems US65 Datasheet HTML 5Page - Melexis Microelectronic Systems US65 Datasheet HTML 6Page - Melexis Microelectronic Systems US65 Datasheet HTML 7Page - Melexis Microelectronic Systems US65 Datasheet HTML 8Page - Melexis Microelectronic Systems US65 Datasheet HTML 9Page - Melexis Microelectronic Systems US65 Datasheet HTML 10Page - Melexis Microelectronic Systems US65 Datasheet HTML 11Page - Melexis Microelectronic Systems US65 Datasheet HTML 12Page - Melexis Microelectronic Systems  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
US65 / US66
Two-Coil Low Noise Fan Driver
High Output Current
3901090209
Page 9 of 12
Preliminary Datasheet
Rev 006
Jan/07
12 Application Information
Typical computer fan application circuit
13 Application Comments
During fan rotation, the coils may affect the stability of the VDD voltage. To filter eventual spikes, it is
recommended to add a 100nF decoupling capacitor between VDD pin and GND, closer to the chip.
If the FG/RD pull-up resistor is connected to VDD, a diode should be connected between the fan supply
voltage and the common point of the fan coils to avoid parasitic effects on FG/RD output.
The voltage VDD and VPU can be physically the same voltage source. However, the pull-up voltage VPU is
generally connected to a different digital power source at 5V as it feeds the FG or RD signal to an IC
interface.
When the default slope is sufficient, the pin SLOPE may just be left open.
For slope adjustment, it is required to connect a resistor RSLOPE between the SLOPE pin to ground. The value
of the resistor modifies the output slope as shown in the performance graph.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com