| 전자부품 데이터시트 검색엔진 |
|
BPLDINSIGNAL0616EA4 데이터시트(PDF) 3 Page - Amphenol Communications Solutions |
|
|
|||||||||||||||||||||||||||||
BPLDINSIGNAL0616EA4 데이터시트(HTML) 3 Page - Amphenol Communications Solutions |
|
3 / 3 page ![]() For more information, please contact: Communications@fci.com or visit us at www.fci.com Disclaimer Please note that the above information is subject to change without notice. PART NUMBERS DIN 41612 SIGNAL HEADERS & RECEPTACLES Style Connector Configuration Rows Loaded Termination Part Numbers C Right Angle Header 2 row / 64 pos. a & c Solder-to-board 860946471137*5ELF Press-fit 860946471947*5E1LF 3 row / 96 pos. a, b, c Solder-to-board 860939671137*5ELF Press-fit 860939671947*5E1LF Straight Receptacle 2 row / 64 pos. a & c Solder-to-board 860946481147*5V1LF Press-fit 860946481947*5E3LF 3 row / 96 pos. a, b, c Solder-to-board 860939681147*5V1LF Press-fit 860939681947*5E3LF C/2 Right Angle Header 2 row / 32 pos. a & c Solder-to-board 860943273137*5ELF 3 row / 48 pos. a, b, c 860934873137*5ELF Straight Receptacle 2 row / 32 pos. a & c 860943283147*5V1LF 3 row / 48 pos. a, b, c Solder-to-board 860934883147*5V1LF Press-fit 860934883947*5E3LF B Right Angle Header 1 row / 32 pos. a only Solder-to-board 860913251137*5ELF 2 row / 64 pos. a & b 860926451137*5ELF Straight Receptacle 1 row / 32 pos. a only 860913261147*5V1LF 2 row / 64 pos. a & b 860926461147*5V1LF B/2 Right Angle Header 2 row / 32 pos. a & b Solder-to-board 860923253137*5ELF Straight Receptacle 860923263147*5E1LF R Straight Header 2 row / 64 pos. a & c Solder-to-board 860946478147*5ELF Press-fit 860946478947*5E1LF 3 row / 96 pos. a, b, c Solder-to-board 860939678147*5ELF Press-fit 860939678947*5E1LF Right Angle Receptacle 2 row / 64 pos. a & c Solder-to-board 860946488137*5V1LF Press-fit 860946488947*5E3LF 3 row / 96 pos. a, b, c Solder-to-board 860939688137*5V1LF Press-fit 860939688947*5E3LF R/2 Straight Header 2 row / 32 pos. a & c Solder-to-board 860943276147*5ELF 3 row / 48 pos. a, b, c Solder-to-board 860934876147*5ELF Press-fit 860934876947*5E1LF Right Angle Receptacle 2 row / 32 pos. a & c Solder-to-board 860943286137*5E1LF 3 row / 48 pos. a, b, c 860934886137*5E1LF Q Straight Header 2 row / 64 pos. a & b Solder-to-board 860926458147*5ELF Notes Asterisk (*) in part number denotes Performance class: PN Code 6,5,4 for Class 1, 2 & 3 respectively. Custom loading and other options available on request. |