전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

RF6001 데이터시트(PDF) 28 Page - RF Micro Devices

부품명 RF6001
상세설명  FRACTIONAL-N RF SYNTHESIZER WITH MODULATOR AND DIGITAL IF FILTER
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RFMD [RF Micro Devices]
홈페이지  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF6001 데이터시트(HTML) 28 Page - RF Micro Devices

Back Button RF6001 Datasheet HTML 24Page - RF Micro Devices RF6001 Datasheet HTML 25Page - RF Micro Devices RF6001 Datasheet HTML 26Page - RF Micro Devices RF6001 Datasheet HTML 27Page - RF Micro Devices RF6001 Datasheet HTML 28Page - RF Micro Devices RF6001 Datasheet HTML 29Page - RF Micro Devices RF6001 Datasheet HTML 30Page - RF Micro Devices RF6001 Datasheet HTML 31Page - RF Micro Devices RF6001 Datasheet HTML 32Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 70 page
background image
28 of 70
RF6001
Rev A3 DS050929
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Part of the POLARIS™ TOTAL RADIO™ Solution
PA Ramp Control
The RF6001 contains a PA ramp control system that operates through the DAC1 pin. The PA ramp control system is turned on
by programming PAEN bit to one (1). The user programs the minimum DAC1 level into the DAC1V register, the desired PA ramp
waveform sample values into the PAR registers, and a gain word into the PAG register.
A conceptual block diagram of the PA Ramp control system is illustrated below.
The timing diagram below illustrates a GSM transmit burst. In this case the GPRS_TX1 bit is programmed to zero (0). The trans-
mit VCO and PLL should be turned on and given sufficient time to lock prior to starting modulation and the PA ramp. The mod-
ulation and ramp sequence is initiated by taking the TXST pin high. This starts the TX modulator (after a delay set by
MD_DLY1), using data or modulation present on the GMSK modulation interface or stored in the First In First Out (FIFO), and
turns on DAC1/VRAMP DAC, set to the value in the DAC1V register (the minimum value). (If modulation is not desired, the mod-
ulation interface should be set to digital mode, and the TX input pins should be held inactive.) The TXEN pin is an output used
to enable the PA. This pin will go high after the rising edge of the TXST input pin with a delay programmed by the SDI field
TXENU.
The PA ramp waveform starts after time PAT relative to the rising edge of TXST. The 16 steps in the PAR registers (PARAMP3-
PARAMP11) are swept at a rate of (12/13)
μs with an interpolation by 2 to result in a rate of (6/13)μs per step. DAC1 remains
at the maximum value of the PA ramp waveform until TXST is taken low, at which point the PAR waveform is used to ramp the
DAC1 signal back down to the DAC1V value. The DAC and modulation shut off and the TXEN pin goes low after the ramp down
is completed and following a delay programmed by the SDI field TXEND. The DAC1 signal is defined by the following equation:
Ramp LUT
PAR[15:0, 9:]
PAG(9:0)
10
10
DAC1
pin
10
1
0
10
10
PAEN
Timer
PAEN
PAEN
PAT
(7:0)
13MHz
system clock
10
DAC1EN
10
DAC1V(9:0)
TXST
pin
TXEN
pin
TXENU
(7:0)
TXEND
(5:0)
TXST
pin
DAC
PA
RAMP
PAG PAR
⋅
1024
----------------------------
DAC1V
65536
--------------------
+
2.5V
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com