전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PCAN-USB 데이터시트(PDF) 5 Page - NXP Semiconductors

부품명 PCAN-USB
상세설명  Battery Management System (BMS) with MPC5775B-EVB and RD33771CDSTEVB
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCAN-USB 데이터시트(HTML) 5 Page - NXP Semiconductors

  PCAN-USB Datasheet HTML 1Page - NXP Semiconductors PCAN-USB Datasheet HTML 2Page - NXP Semiconductors PCAN-USB Datasheet HTML 3Page - NXP Semiconductors PCAN-USB Datasheet HTML 4Page - NXP Semiconductors PCAN-USB Datasheet HTML 5Page - NXP Semiconductors PCAN-USB Datasheet HTML 6Page - NXP Semiconductors PCAN-USB Datasheet HTML 7Page - NXP Semiconductors PCAN-USB Datasheet HTML 8Page - NXP Semiconductors PCAN-USB Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
5
www.nxp.com
Cable_1
Cable_2
STEP-BY-STEP INSTRUCTIONS FOR BMS DEMO SETUP
1 Connect BATT-
14CEMULATOR and
RD33771CDSTEVB
Connect the battery cell emulator board
(BATT-14CEMULATOR) and the cell
controller board (RDCV33771C) using
Cable_1.
2 Connect RD33771CDSTEVB
and MPC5775B-EVB for
TPL link
Connect the cell controller board with
battery management board using the
Cable_2 as shown in the figure to the
right. This will establish the TPL link for
communication.
Either J1 or J2 can be connected to the
RD33771CDSTEVB.
User must connect positive (+) terminal of
MPC5775B-EVB’s BMS interface connector
(J118 – pin 3,4 ) to BMS cell controller
module positive (+) terminal and negative
terminal to negative terminal as shown in
the next slide.
1
1
1
2
2
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18