전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1202A2 데이터시트(PDF) 5 Page - APEM

부품명 1202A2
상세설명  Momentary pushbutton switches • round plunger
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  APEM [APEM]
홈페이지  www.apem.com
Logo APEM - APEM

1202A2 데이터시트(HTML) 5 Page - APEM

  1202A2 Datasheet HTML 1Page - APEM 1202A2 Datasheet HTML 2Page - APEM 1202A2 Datasheet HTML 3Page - APEM 1202A2 Datasheet HTML 4Page - APEM 1202A2 Datasheet HTML 5Page - APEM 1202A2 Datasheet HTML 6Page - APEM  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
1200 series
Momentary pushbutton switches •
round plunger
RIGHT ANGLE SCREW TERMINALS + CLAMP
KEYWAY
Normally Open
1203-7
Ø12.00x0.75 SI
(.472DIAx0.75 IS)
6.35x0.80
(.25x.031)
Ø8.00
(.315DIA)
14.00
(.551)
(.826)
90˚
21.00
CONTACT MATERIALS
BASIC P/N
A
Silver
C
Copper, silver plated
FINISH
BASIC P/N
LUXE Chrome plated cap nut U117 instead of knurled nut U411
PLUNGER COLORS
BASIC P/N
2
Black
3
Green
6
Red
7/1
White
SPECIAL MODELS
BASIC P/N
X209
NF standard marked - Silver contacts -
short plunger
X209L NF standard marked - Silver contacts - long plunger
See drawings next page.
NOTE : Ground connector U187 compulsory on models X209 and X209L if the panel is not metallic or not connected
to ground. Order separately : see “Hardware“ section of website.
5



Html Pages

1 2 3 4 5 6