전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KF30BDT 데이터시트(PDF) 14 Page - STMicroelectronics

부품명 KF30BDT
상세설명  VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

KF30BDT 데이터시트(HTML) 14 Page - STMicroelectronics

Back Button KF30BDT Datasheet HTML 9Page - STMicroelectronics KF30BDT Datasheet HTML 10Page - STMicroelectronics KF30BDT Datasheet HTML 11Page - STMicroelectronics KF30BDT Datasheet HTML 12Page - STMicroelectronics KF30BDT Datasheet HTML 13Page - STMicroelectronics KF30BDT Datasheet HTML 14Page - STMicroelectronics KF30BDT Datasheet HTML 15Page - STMicroelectronics KF30BDT Datasheet HTML 16Page - STMicroelectronics KF30BDT Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
KF00
14/17
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
2.2
2.4
0.086
0.094
A1
0.9
1.1
0.035
0.043
A2
0.03
0.23
0.001
0.009
B
0.64
0.9
0.025
0.035
B2
5.2
5.4
0.204
0.212
C
0.45
0.6
0.017
0.023
C2
0.48
0.6
0.019
0.023
D
6
6.2
0.236
0.244
D1
5.1
0.200
E
6.4
6.6
0.252
0.260
E1
4.7
0.185
e
2.28
0.090
e1
4.4
4.6
0.173
0.181
H
9.35
10.1
0.368
0.397
L
1
0.039
(L1)
2.8
0.110
L2
0.8
0.031
L4
0.6
1
0.023
0.039
DPAK MECHANICAL DATA
0068772-F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17