전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSM2603 데이터시트(PDF) 30 Page - Analog Devices

부품명 SSM2603
상세설명  Low Power Audio Codec
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

SSM2603 데이터시트(HTML) 30 Page - Analog Devices

Back Button SSM2603 Datasheet HTML 24Page - Analog Devices SSM2603 Datasheet HTML 25Page - Analog Devices SSM2603 Datasheet HTML 26Page - Analog Devices SSM2603 Datasheet HTML 27Page - Analog Devices SSM2603 Datasheet HTML 28Page - Analog Devices SSM2603 Datasheet HTML 29Page - Analog Devices SSM2603 Datasheet HTML 30Page - Analog Devices SSM2603 Datasheet HTML 31Page - Analog Devices SSM2603 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
SSM2603
Rev. 0 | Page 30 of 32
NOISE GATE, ADDRESS 0x12
Table 40. Noise Gate Register Bit Map
D8
D7
D6
D5
D4
D3
D2
D1
D0
0
NGTH [4:0]
NGG [1:0]
NGAT
Table 41. Descriptions of Noise Gate Register Bits
Bit Name
Description
Settings
NGTH [4:0]
Noise gate threshold
00000 = −76.5 dBFS (default)
00001 = −75 dBFS
… In 1.5 dB steps
11110 = −31.5 dBFS
11111 = −30 dBFS
NGG [1:0]
Noise gate type
X0 = hold PGA gain constant (default)1
01 = mute output
11 = reserved
NGAT
Noise gate control
0 = noise gate disable (default)
1 = noise gate enable
1 X = don’t care.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32