| 전자부품 데이터시트 검색엔진 |
|
PLB12F0000/AA. 데이터시트(PDF) 7 Page - Positronic. |
|
|
|||||||||||||||||||||||||||||
PLB12F0000/AA. 데이터시트(HTML) 7 Page - Positronic. |
|
7 / 72 page ![]() Power Connection Systems Positronic connectpositronic.com 1 CABLE CONNECTION SYSTEMS SYSTEM 5 CABLE TO RIGHT ANGLE (90°) BOARD MOUNTING PLB06F4BN0A1 PLB06M4BN0A2 PLB06M0000 With contacts installed PLB06F0000 With contacts installed Crimp or solder termination Crimp or solder termination Crimp or solder termination Crimp or solder termination Lock tab Lock hole Typical for connection systems 5, 6, 7 and 8 SYSTEM 6 CABLE TO STRAIGHT BOARD MOUNTING SYSTEM 7 CABLE TO CABLE PLB06F300C1 Straight solder or PLB06F92ST20C1 Compliant termination press-in PLB06M0000 With contacts installed PLB06F0000 With contacts installed PLB06M300C1 Straight solder or PLB06M92ST20C1 Compliant termination press-in PLB06F0000 With contacts installed PLB06M0000 With contacts installed Crimp or solder termination |