전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADE7569ACPZF16 데이터시트(PDF) 37 Page - Analog Devices

부품명 ADE7569ACPZF16
상세설명  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADE7569ACPZF16 데이터시트(HTML) 37 Page - Analog Devices

Back Button ADE7569ACPZF16 Datasheet HTML 33Page - Analog Devices ADE7569ACPZF16 Datasheet HTML 34Page - Analog Devices ADE7569ACPZF16 Datasheet HTML 35Page - Analog Devices ADE7569ACPZF16 Datasheet HTML 36Page - Analog Devices ADE7569ACPZF16 Datasheet HTML 37Page - Analog Devices ADE7569ACPZF16 Datasheet HTML 38Page - Analog Devices ADE7569ACPZF16 Datasheet HTML 39Page - Analog Devices ADE7569ACPZF16 Datasheet HTML 40Page - Analog Devices ADE7569ACPZF16 Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 144 page
background image
ADE7566/ADE7569/ADE7166/ADE7169
Rev. A | Page 37 of 144
ENERGY MEASUREMENT
The ADE7566/ADE7569/ADE7166/ADE7169 offer a fixed
function, energy measurement, digital processing core that
provides all the information needed to measure energy in
single-phase energy meters. The part provides two ways to
access the energy measurements: direct access through SFRs for
time sensitive information and indirect access through address
and data SFR registers for the majority of energy measurements.
The Irms, Vrms, interrupts, and waveform registers are readily
available through SFRs as shown in Table 30. Other energy
measurement information is mapped to a page of memory that
is accessed indirectly through the MADDPT, MDATL,
MDATM, and MDATH SFRs. The address and data registers act
as pointers to the energy measurement internal registers.
ACCESS TO ENERGY MEASUREMENT SFRs
Access to the
energy measurement SFRs is achieved by reading
or writing to the SFR addresses detailed in Table 30. The
internal data for the MIRQx SFRs are latched byte by byte into
the SFR when the SFR is read.
The WAV1x, WAV2x, VRMSx, and IRMSx registers are all 3-byte
SFRs. The 24-bit data is latched into these SFRs when the high
byte is read. Reading the low or medium byte before the high
byte results in reading the data from the previous latched sample.
Sample code to read the Vrms register is as follows:
MOV
R1, VRMSH
//latches data in VRMSH,
VRMSM and VRMSL SFR
MOV
R2, VRMSM
MOV
R3, VRMSL
ACCESS TO INTERNAL ENERGY MEASUREMENT
REGISTERS
Access to the internal energy measurement registers is achieved
by writing to the Energy Measurement Pointer Address SFR
(MADDPT, 0x91). This SFR selects the energy measurement
register to be accessed and determines if a read or a write is
performed (see Table 29).
Table 29. Energy Measurement Pointer Address SFR
(MADDPT, 0x91)
Bit
Description
7
1 = write, 0 = read
6 to 0
Energy measurement internal register address
Writing to the Internal Energy Measurement Registers
When Bit 7 of the the Energy Measurement Pointer Address
SFR (MADDPT, 0x91) is set, the content of the MDATx SFRs
(MDATL, MDATM, and MDATH) is transferred to the internal
energy measurement register designated by the address in the
MADDPT SFR. If the internal register is 1 byte long, only the
MDATL SFR content is copied to the internal register, while the
MDATM SFR and MDATH SFR contents are ignored.
The energy measurement core functions with an internal clock
of 4.096 MHz ∕ 5 or 819.2 kHz. Because the 8052 core functions
with another clock, 4.096MHz ∕ 2CD, synchronization between
the two clock environments when CD = 0 or 1 is an issue. When
data is written to the internal energy measurement registers, a
small wait period needs to be implemented before another read
or write to these registers can take place.
Sample code to write 0x0155 to the 2-byte SAGLVL register
located at 0x14 in the energy measurement memory space is
shown below.
MOV
MDATM,#01h
MOV
MDATL,#55h
MOV
MADDPT,#SAGLVL_W (Address 0x94)
MOV
A,#05h
DJNZ
ACC,$
;Next write or read to energy
measurement SFR can be done after
this.
Reading the Internal Energy Measurement Registers
When Bit 7 of Energy Measurement Pointer Address SFR
(MADDPT, 0x91) is cleared, the content of the internal energy
measurement register designated by the address in MADDPT
is transferred to the MDATx SFRs. If the internal register is
1 byte long, only the MDATL SFR content is updated with a
new value, while the MDATM SFR and MDATH SFR contents
are reset to 0x00.
The energy measurement core functions with an internal clock
of 4.096 MHz ∕ 5 or 819.2 kHz. Because the 8052 core functions
with another clock, 4.096MHz ∕ 2CD, synchronization between
the two clock environments when CD = 0 or 1 is an issue. When
data is read from the internal energy measurement registers, a
small wait period needs to be implemented before the MDATx
SFRs are transferred to another SFR.
Sample code to read the peak voltage in the 2-byte VPKLVL
register located at 0x16 into the data pointer is shown below.
MOV
MADDPT,#VPKLVL_R (Address 0x16)
MOV
A,#05h
DJNZ
ACC,$
MOV
DPH,MDATM
MOV
DPL,MDATL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com