전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

RF2498 데이터시트(PDF) 22 Page - RF Micro Devices

부품명 RF2498
상세설명  TRI-BAND/QUAD-MODE CDMA/GPS LOW NOISE AMPLIFIER/MIXER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RFMD [RF Micro Devices]
홈페이지  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2498 데이터시트(HTML) 22 Page - RF Micro Devices

Back Button RF2498_1 Datasheet HTML 14Page - RF Micro Devices RF2498_1 Datasheet HTML 15Page - RF Micro Devices RF2498_1 Datasheet HTML 16Page - RF Micro Devices RF2498_1 Datasheet HTML 17Page - RF Micro Devices RF2498_1 Datasheet HTML 18Page - RF Micro Devices RF2498_1 Datasheet HTML 19Page - RF Micro Devices RF2498_1 Datasheet HTML 20Page - RF Micro Devices RF2498_1 Datasheet HTML 21Page - RF Micro Devices RF2498_1 Datasheet HTML 22Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 22 page
background image
22 of 22
RF2498
Rev A3 DS030711
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
PCB Solder Mask Pattern
Liquid Photo-Imageable (LPI) solder mask is recommended. The solder mask footprint will match what is shown for the PCB
metal land pattern with a 2mil to 3mil expansion to accommodate solder mask registration clearance around all pads. The
center-grounding pad shall also have a solder mask clearance. Expansion of the pads to create solder mask clearance can be
provided in the master data or requested from the PCB fabrication supplier.
A
A
A
A
A
A
A
A
B B B B B B B B
A
A
A
A
A
A
A
A
B
B
B
B
B
B
B
B
C
3.50 Typ.
0.50 Typ.
0.50 Typ.
0.55 Typ.
1.75 Typ.
1.75 Typ.
0.55 Typ.
3.50 Typ.
A = 0.74 x 0.38 (mm) Typ.
B = 0.38 x 0.74 (mm) Typ.
C = 3.60 (mm) Sq.
Pin 1
Pin 32
Pin 24
Pin 16
Dimensions in mm.
Figure 2. PCB Solder Mask Pattern (Top View)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22