전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IP5322P 데이터시트(PDF) 30 Page - Injoinic Technology Co.,Ltd.

부품명 IP5322P
상세설명  integrated buck-boost driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INJOINIC [Injoinic Technology Co.,Ltd.]
홈페이지  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP5322P 데이터시트(HTML) 30 Page - Injoinic Technology Co.,Ltd.

Back Button IP5322P Datasheet HTML 24Page - Injoinic Technology Co.,Ltd. IP5322P Datasheet HTML 25Page - Injoinic Technology Co.,Ltd. IP5322P Datasheet HTML 26Page - Injoinic Technology Co.,Ltd. IP5322P Datasheet HTML 27Page - Injoinic Technology Co.,Ltd. IP5322P Datasheet HTML 28Page - Injoinic Technology Co.,Ltd. IP5322P Datasheet HTML 29Page - Injoinic Technology Co.,Ltd. IP5322P Datasheet HTML 30Page - Injoinic Technology Co.,Ltd. IP5322P Datasheet HTML 31Page - Injoinic Technology Co.,Ltd. IP5322P Datasheet HTML 32Page - Injoinic Technology Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
IP5386
V1.01
Email: service@injoinic.com
30 / 32
Copyright © 2022, Injoinic Corp.
15 封装信息
15.1 芯片封装
SYMBOL
MILLIMETER
MIN
NOM
MAX
A
0.70
0.75
0.80
A1
-
0.02
0.05
b
0.18
0.25
0.30
b1
0.11
0.16
0.21
c
0.18
0.20
0.23
D
6.90
7.0
7.10
D2
5.30
5.40
5.50
e
0.5 BSC
Ne
5.50BSC
Nd
5.50BSC
E
6.90
7.0
7.10
E2
5.30
5.40
5.50
L
0.35
0.40
0.45
h
0.30
0.35
0.40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32