전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32L433CB 데이터시트(PDF) 65 Page - STMicroelectronics

부품명 STM32L433CB
상세설명  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 256KB flash, 64KB SRAM, USB FS, LCD, ext. SMPS
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L433CB 데이터시트(HTML) 65 Page - STMicroelectronics

Back Button STM32L433CB Datasheet HTML 61Page - STMicroelectronics STM32L433CB Datasheet HTML 62Page - STMicroelectronics STM32L433CB Datasheet HTML 63Page - STMicroelectronics STM32L433CB Datasheet HTML 64Page - STMicroelectronics STM32L433CB Datasheet HTML 65Page - STMicroelectronics STM32L433CB Datasheet HTML 66Page - STMicroelectronics STM32L433CB Datasheet HTML 67Page - STMicroelectronics STM32L433CB Datasheet HTML 68Page - STMicroelectronics STM32L433CB Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 227 page
background image
DS11449 Rev 7
65/227
STM32L433xx
Pinouts and pin description
89
16 16 F4 G5 22 22 G4 31
L4
PA6
I/O
FT_la
-
TIM1_BKIN,
SPI1_MISO,
COMP1_OUT,
USART3_CTS,
LPUART1_CTS,
QUADSPI_BK1_IO3,
LCD_SEG3,
TIM1_BKIN_COMP2,
TIM16_CH1,
EVENTOUT
ADC1_IN11
17 17 F3 H6 23 23 H4 32
M4
PA7
I/O FT_fla -
TIM1_CH1N,
I2C3_SCL,
SPI1_MOSI,
QUADSPI_BK1_IO2,
LCD_SEG4,
COMP2_OUT,
EVENTOUT
ADC1_IN12
-
-
-
D424 24H5 33
K5
PC4
I/O
FT_la
-
USART3_TX,
LCD_SEG22,
EVENTOUT
COMP1_INM,
ADC1_IN13
-
-
-
E4 25 -
H6 34
L5
PC5
I/O
FT_la
-
USART3_RX,
LCD_SEG23,
EVENTOUT
COMP1_INP,
ADC1_IN14,
WKUP5
18 18 G5 F4 26 25 F5
35
M5
PB0
I/O
FT_la
-
TIM1_CH2N,
SPI1_NSS,
USART3_CK,
QUADSPI_BK1_IO1,
LCD_SEG5,
COMP1_OUT,
SAI1_EXTCLK,
EVENTOUT
ADC1_IN15
19 19 G4 H5 27 26 G5 36
M6
PB1
I/O
FT_la
-
TIM1_CH3N,
USART3_RTS_DE,
LPUART1_RTS_DE,
QUADSPI_BK1_IO0,
LCD_SEG6,
LPTIM2_IN1,
EVENTOUT
COMP1_INM,
ADC1_IN16
20 20 G3 G4 28 27 G6 37
L6
PB2
I/O
FT_a
-
RTC_OUT,
LPTIM1_OUT,
I2C3_SMBA,
LCD_VLCD,
EVENTOUT
COMP1_INP
Table 15. STM32L433xx pin definitions (continued)
Pin Number
Pin functions
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More