| 전자부품 데이터시트 검색엔진 |
|
STM32L433CBU7 데이터시트(PDF) 71 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L433CBU7 데이터시트(HTML) 71 Page - STMicroelectronics |
|
71 / 227 page ![]() DS11449 Rev 7 71/227 STM32L433xx Pinouts and pin description 89 38 38 B3 A2 50 50 A6 77 A9 PA15 (JTDI) I/O FT_l (3) JTDI, TIM2_CH1, TIM2_ETR, USART2_RX, SPI1_NSS, SPI3_NSS, USART3_RTS_DE, TSC_G3_IO1, LCD_SEG17, SWPMI1_SUSPEND, EVENTOUT - -- - C3 51 51 B7 78 B11 PC10 I/O FT_l - SPI3_SCK, USART3_TX, TSC_G3_IO2, LCD_COM4/ LCD_SEG28/ LCD_SEG40, SDMMC1_D2, EVENTOUT - - - - B352 52B6 79 C10 PC11 I/O FT_l - SPI3_MISO, USART3_RX, TSC_G3_IO3, LCD_COM5/ LCD_SEG29/ LCD_SEG41, SDMMC1_D3, EVENTOUT - - - - A3 53 53 C580B10 PC12 I/O FT_l - SPI3_MOSI, USART3_CK, TSC_G3_IO4, LCD_COM6/ LCD_SEG30/ LCD_SEG42, SDMMC1_CK, EVENTOUT - -- - - - - - 81 C9 PD0 I/O FT - SPI2_NSS, CAN1_RX, EVENTOUT - -- - - - - - 82 B9 PD1 I/O FT - SPI2_SCK, CAN1_TX, EVENTOUT - Table 15. STM32L433xx pin definitions (continued) Pin Number Pin functions Alternate functions Additional functions |