| 전자부품 데이터시트 검색엔진 |
|
STM32L433CBU3 데이터시트(PDF) 67 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L433CBU3 데이터시트(HTML) 67 Page - STMicroelectronics |
|
67 / 227 page ![]() DS11449 Rev 7 67/227 STM32L433xx Pinouts and pin description 89 21 21 E3 H4 29 28 G7 47 L10 PB10 I/O FT_fl - TIM2_CH3, I2C2_SCL, SPI2_SCK, USART3_TX, LPUART1_RX, TSC_SYNC, QUADSPI_CLK, LCD_SEG10, COMP1_OUT, SAI1_SCK_A, EVENTOUT - 22 22 F2 H3 30 29 H7 48 L11 PB11 I/O FT_fl - TIM2_CH4, I2C2_SDA, USART3_RX, LPUART1_TX, QUADSPI_BK1_NCS, LCD_SEG11, COMP2_OUT, EVENTOUT - -- - - - 30 - - - VDD12 S - - - - 23 23 G2 H2 31 31 D6 49 F12 VSS S - - - - 24 24 G1 H1 32 32 E6 50 G12 VDD S - - - - 25 25 F1 G3 33 33 H8 51 L12 PB12 I/O FT_l - TIM1_BKIN, TIM1_BKIN_COMP2, I2C2_SMBA, SPI2_NSS, USART3_CK, LPUART1_RTS_DE, TSC_G1_IO1, LCD_SEG12, SWPMI1_IO, SAI1_FS_A, TIM15_BKIN, EVENTOUT - Table 15. STM32L433xx pin definitions (continued) Pin Number Pin functions Alternate functions Additional functions |