전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32L433CBU6P 데이터시트(PDF) 67 Page - STMicroelectronics

부품명 STM32L433CBU6P
상세설명  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 256KB flash, 64KB SRAM, USB FS, LCD, ext. SMPS
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L433CBU6P 데이터시트(HTML) 67 Page - STMicroelectronics

Back Button STM32L433CBU6P Datasheet HTML 63Page - STMicroelectronics STM32L433CBU6P Datasheet HTML 64Page - STMicroelectronics STM32L433CBU6P Datasheet HTML 65Page - STMicroelectronics STM32L433CBU6P Datasheet HTML 66Page - STMicroelectronics STM32L433CBU6P Datasheet HTML 67Page - STMicroelectronics STM32L433CBU6P Datasheet HTML 68Page - STMicroelectronics STM32L433CBU6P Datasheet HTML 69Page - STMicroelectronics STM32L433CBU6P Datasheet HTML 70Page - STMicroelectronics STM32L433CBU6P Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 227 page
background image
DS11449 Rev 7
67/227
STM32L433xx
Pinouts and pin description
89
21 21 E3 H4 29 28 G7 47
L10
PB10
I/O
FT_fl
-
TIM2_CH3,
I2C2_SCL,
SPI2_SCK,
USART3_TX,
LPUART1_RX,
TSC_SYNC,
QUADSPI_CLK,
LCD_SEG10,
COMP1_OUT,
SAI1_SCK_A,
EVENTOUT
-
22 22 F2 H3 30 29 H7 48
L11
PB11
I/O
FT_fl
-
TIM2_CH4,
I2C2_SDA,
USART3_RX,
LPUART1_TX,
QUADSPI_BK1_NCS,
LCD_SEG11,
COMP2_OUT,
EVENTOUT
-
--
-
-
- 30
-
-
-
VDD12
S
-
-
-
-
23 23 G2 H2 31 31 D6 49 F12
VSS
S
-
-
-
-
24 24 G1 H1 32 32 E6 50 G12
VDD
S
-
-
-
-
25 25 F1 G3 33 33 H8 51
L12
PB12
I/O
FT_l
-
TIM1_BKIN,
TIM1_BKIN_COMP2,
I2C2_SMBA,
SPI2_NSS,
USART3_CK,
LPUART1_RTS_DE,
TSC_G1_IO1,
LCD_SEG12,
SWPMI1_IO,
SAI1_FS_A,
TIM15_BKIN,
EVENTOUT
-
Table 15. STM32L433xx pin definitions (continued)
Pin Number
Pin functions
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More