| 전자부품 데이터시트 검색엔진 |
|
STM32L433CBI3P 데이터시트(PDF) 89 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L433CBI3P 데이터시트(HTML) 89 Page - STMicroelectronics |
|
89 / 227 page ![]() DS11449 Rev 7 89/227 STM32L433xx Memory mapping 89 APB1 0x4000 3400 - 0x4000 37FF 1 KB Reserved 0x4000 3000 - 0x4000 33FF 1 KB IWDG 0x4000 2C00 - 0x4000 2FFF 1 KB WWDG 0x4000 2800 - 0x4000 2BFF 1 KB RTC 0x4000 2400 - 0x4000 27FF 1 KB LCD 0x4000 1800 - 0x4000 23FF 3 KB Reserved 0x4000 1400 - 0x4000 17FF 1 KB TIM7 0x4000 1000 - 0x4000 13FF 1 KB TIM6 0x4000 0400- 0x4000 0FFF 3 KB Reserved 0x4000 0000 - 0x4000 03FF 1 KB TIM2 1. The gray color is used for reserved boundary addresses. Table 18. STM32L433xx memory map and peripheral register boundary addresses(1) (continued) Bus Boundary address Size(bytes) Peripheral |