전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PX0587. 데이터시트(PDF) 1 Page - Elektron Components Ltd.

부품명 PX0587.
상세설명  EN60 320-1 Standard Sheet C13 Class I Rewirable Cold Condition
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BULGIN [Elektron Components Ltd.]
홈페이지  http://www.bulgin.co.uk
Logo BULGIN - Elektron Components Ltd.

PX0587. 데이터시트(HTML) 1 Page - Elektron Components Ltd.

  PX0587. Datasheet HTML 1Page - Elektron Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.bulgin.co.uk
49
IEC CONNECTORS
PX0587
PX0587/SE
EN60 320-1 Standard Sheet C13 Class I Rewirable Cold Condition
PX0588
Cable Mounting
Rewirable
Screw Terminals
10A, 250V a.c.
Cable Mounting
Rewirable
Screw Terminals
10A, 250V a.c.
Cable Mounting
Rewirable
Screw Terminals
10A, 250V a.c.
STRAIGHT FEMALE CONNECTOR
SIDE ENTRY FEMALE CONNECTOR
ANGLED FEMALE CONNECTOR
Specification
PX0587/Col
PX0587/SE/Col
PX0588
Terminations:
Screw Terminals
Screw Terminals
Screw Terminals
Colours:
/WH (White), /GY (Grey)
/WH (White), /GY (Grey)
-
Max. Rating:
10A, 250V a.c.
10A, 250V a.c.
10A, 250V a.c.
Contact Resistance:
<10m
Ω
<10m
Ω
<10m
Ω
Insulation Resistance:
>103 M
Ω
>103 M
Ω
>103 M
Ω
A.C. Breakdown:
Pole-Pole 4.5kV. Poles-Accessible
Pole-Pole 4.5kV. Poles-Accessible
Pole-Pole 5kV. Poles-Accessible
Parts 4kV
Parts 4kV
Parts 3.5kV
Operating Temp. Range:
–40˚C to +70˚C
–40˚C to +70˚C
–40˚C to +70˚C
Withdrawal Force:
10N (Min.) 50N (Max.)
10N (Min.) 50N (Max.)
10N (Min.) 50N (Max.)
Mouldings:
Nylon, Flammability Rating UL94V-0
Nylon, Flammability Rating UL94V-0
Nylon, Flammability Rating UL94V-0
Contacts:
Brass, Clean
Brass, Clean
Brass, Clean
Approvals:
Accessories / Notes:
Mating Connectors:
PX0575, PX0579, PX0580, PF0001,
PX0575, PX0579, PX0580, PF0001,
PX0575, PX0579, PX0580, PF0001,
PF0011, PF0030, PF0033
PF0011, PF0030, PF0033
PF0011, PF0030, PF0033
Conns2 - In/Outlets - 2003
23/7/03
3:43 pm
Page 49


유사한 부품 번호 - PX0587.

제조업체부품명데이터시트상세설명
logo
Elektron Components Ltd...
PX0587 BULGIN-PX0587 Datasheet
111Kb / 1P
EN60 320-1 Standard Sheet C13 Class I Rewirable Cold Condition
PX0587 BULGIN-PX0587 Datasheet
116Kb / 1P
EN60 320-1 Standard Sheet C14 Class I Cold Condition & EN60 320-2-2 Standard Sheet F Class I Cold Condtion
logo
Bulgin Limited. All rig...
PX0587 BULGINLIMITED-PX0587 Datasheet
1Mb / 25P
IEC Connectors
PX0587 BULGINLIMITED-PX0587 Datasheet
6Mb / 26P
IEC Connectors
logo
Elektron Components Ltd...
PX0587/SE BULGIN-PX0587/SE Datasheet
111Kb / 1P
EN60 320-1 Standard Sheet C13 Class I Rewirable Cold Condition
More results

유사한 설명 - PX0587.

제조업체부품명데이터시트상세설명
logo
Elektron Components Ltd...
PF0001 BULGIN-PF0001 Datasheet
106Kb / 1P
EN60 320-1 Standard Sheet C14 Class I Cold Condition (Fused)
PF0011 BULGIN-PF0011 Datasheet
98Kb / 1P
EN60 320-1 Standard Sheet C14 Class I Cold Condition (Fused)
PX0575 BULGIN-PX0575 Datasheet
94Kb / 1P
EN60 320-1 Standard Sheet C14 Class I Cold Condition
PX0580 BULGIN-PX0580 Datasheet
99Kb / 1P
EN60 320-1 Standard Sheet C14 Class I Cold Condition
PX0587 BULGIN-PX0587 Datasheet
111Kb / 1P
EN60 320-1 Standard Sheet C13 Class I Rewirable Cold Condition
PX0599 BULGIN-PX0599 Datasheet
111Kb / 1P
EN60 320-1 Standard Sheet C19 Class I & Standard Sheet C20 Class I Cold Condition
PX0690 BULGIN-PX0690 Datasheet
121Kb / 1P
EN60 320-1 Standard Sheet C18 Class II Cold Condition
PX0716 BULGIN-PX0716 Datasheet
116Kb / 1P
EN60 320-1 Standard Sheet C14 Class I Cold Condition & EN60 320-2-2 Standard Sheet F Class I Cold Condtion
logo
List of Unclassifed Man...
PF000128 ETC2-PF000128 Datasheet
1Mb / 27P
EN60 320-1 Standard Sheet C13 Class I Rewirable Cold Condition
PX057510PC ETC2-PX057510PC Datasheet
95Kb / 2P
EN60 320-1 Standard Sheet C14 Class I Cold Condition
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com