| 전자부품 데이터시트 검색엔진 |
|
ST7735SV 데이터시트(PDF) 4 Page - Sitronix Technology Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
ST7735SV 데이터시트(HTML) 4 Page - Sitronix Technology Co., Ltd. |
|
4 / 201 page ![]() ST7735SV V 1.3 Page 4 of 201 2020-01 9.9.6 Normal Display On or Partial Mode On.................................................................................... 71 9.9.7 When using 128RGB x 160 resolution (GM[1:0] = “11”) .......................................................... 71 9.9.8 When using 128RGB x 160 resolution (GM[1:0] = “01”) .......................................................... 72 9.9.9 When using 132RGB x 162 resolution (GM[1:0] = “00”) .......................................................... 73 9.10 Address Counter..................................................................................................74 9.11 Memory Data Write/ Read Direction ....................................................................75 9.11.1 When 128RGBx160 (GM= “11”) ............................................................................................ 75 9.11.2 When 132RGBx132 (GM= “01”) ............................................................................................ 75 9.11.3 When 132RGBx162 (GM= “00”) ............................................................................................ 76 9.11.4 Frame Data Write Direction According to the MADCTL Parameters (MV, MX and MY) ....... 77 9.11.5 Scroll Address Circuit............................................................................................................. 78 9.11.6 Vertical Scroll Mode ............................................................................................................... 78 9.11.7 Vertical Scroll Example .......................................................................................................... 79 9.11.8 Case 1: TFA + VSA + BFA<162 ............................................................................................ 79 9.11.9 Case 2: TFA + VSA + BFA=162 (Rolling Scrolling) ............................................................... 80 9.12 Tearing Effect Output Line ...................................................................................81 9.12.1 Tearing Effect Line Modes ..................................................................................................... 81 9.12.2 Tearing Effect Line Timings ................................................................................................... 82 9.12.3 Example 1: MPU Write is faster than panel read ................................................................... 83 9.12.4 Example 2: MPU Write is slower than panel read.................................................................. 84 9.13 Power ON/OFF Sequence ...................................................................................85 9.13.1 Uncontrolled Power Off .......................................................................................................... 86 9.14 Power Level Definition .........................................................................................87 9.14.1 Power Level............................................................................................................................ 87 9.14.2 Power Flow Chart................................................................................................................... 88 9.15 Reset Table .........................................................................................................89 9.15.1 Reset Table(Default Value, GM[1:0]=“11”, 128RGB x 160)................................................... 89 9.15.2 Reset Table (GM[1:0]= “01”, 132RGB x 132) ........................................................................ 90 9.15.3 Reset Table (GM[1:0]= “00”, 132RGB x 162) ........................................................................ 91 9.16 Module Input/Output Pins ....................................................................................92 9.16.1 Output or Bi-directional (I/O) Pins .......................................................................................... 92 9.17 Reset Timing........................................................................................................93 9.18 Color Depth Conversion Look Up Tables.............................................................94 9.18.1 65536 Color to 262,144 Color ................................................................................................ 94 9.18.2 4096 Color to 262,144 Color .................................................................................................. 98 9.19 Sleep Out-Command and Self-Diagnostic Functions of the Display Module .....100 9.19.1 Register Loading Detection.................................................................................................. 100 9.19.2 Functionality Detection......................................................................................................... 101 |