| 전자부품 데이터시트 검색엔진 |
|
EPC13 데이터시트(PDF) 2 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
EPC13 데이터시트(HTML) 2 Page - List of Unclassifed Manufacturers |
|
2 / 5 page ![]() Switching Power Transformers EI Series Shape & Dimensions in mm Dimensions in mm (inches) PART NO. TERMINALPINS A B C+/-0.5 D+/-0.5 E+/-0.5 F TYPE EI-14 6 12 13 10.5 4 3.2 14 V EI-22 10 19.5 15.8 10 4 4 22 V EI-24 6 18.5 20.5 17.5 4 5 24 V EI-28 10 21.5 22.1 17.4 4 5 28 V EI-30 10 26 21.6 17.3 4 5 30 V EI-33 12 31.5 28 22.5 4 5 33 V EI-33-1 18 32 28.1 22.6 4 5 43.7 V EI-40 12 33.5 28 22.5 4 5 40 V EI-40-1 16 35.5 28.5 22.8 4 5 42 V EI-50 12 41 35.5 27.5 4 7.5 50 V EI-60 12 45 45 35 5 7.5 60 V TYPE : H ->HORIZONTAL TYPE V ->VERTICAL TYPE DESIGN AS CUSTOMER'S REQUESTED SPECIFICATIONS EER Series |