| 전자부품 데이터시트 검색엔진 |
|
LS1240A. 데이터시트(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LS1240A. 데이터시트(HTML) 3 Page - STMicroelectronics |
|
3 / 7 page ![]() ABSOLUTE MAXIMUM RATINGS Symbol Parameter Value Unit VAB Calling Voltage (f = 50 Hz) Continuous 120 Vrms VAB Calling Voltage (f = 50 Hz) 5s ON/10s OFF 200 Vrms DC Supply Current 30 mA Top Operating Temperature – 40 to + 70 °C Tstg Storage and Junction Temperature – 65 to + 150 °C THERMAL DATA Symbol Parameter Value Unit Rth j-amb Thermal Resistance Junction-ambient Max 100 °C/W ELECTRICAL CHARACTERISTICS (Tamb = 25 °C; Vs = applied between pins 7-2 unless otherwise specified) Symbol Parameter Test Conditions Min. Typ. Max. Unit Vs Supply Voltage 26 V IB Current Consumption without Load (pins 8-1) V8-1 = 9.3 to 25 V 1.5 1.8 mA VON Activation Voltage 12.2 13.2 V VOFF Sustaining Voltage 8 9 V RD Differential Resistance in OFF Condition (pins 8-1) 6.4 k Ω VOUT Output Voltage Swing Vs – 5 V IOUT Short Circuit Current (pins 5-2) Vs = 20V RL = 250 Ω 70 mA AC OPERATION f1 f2 Output Frequencies fout1 fout2 Vs = 26V, R1 = 14k Ω Vs = 0 V Vs = 6V 1.74 1.22 2.14 1.6 kHz fOUT1 fOUT2 1.33 1.43 Programming Resistor Range 8 56 k Ω fSWEEP Sweep Frequency R1 = 14k Ω, C1 = 100nF 5.25 7.5 9.75 Hz LS1240A 3/7 |