전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSM2135S 데이터시트(PDF) 9 Page - Analog Devices

부품명 SSM2135S
상세설명  Dual Single-Supply Audio Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

SSM2135S 데이터시트(HTML) 9 Page - Analog Devices

Back Button SSM2135S Datasheet HTML 5Page - Analog Devices SSM2135S Datasheet HTML 6Page - Analog Devices SSM2135S Datasheet HTML 7Page - Analog Devices SSM2135S Datasheet HTML 8Page - Analog Devices SSM2135S Datasheet HTML 9Page - Analog Devices SSM2135S Datasheet HTML 10Page - Analog Devices SSM2135S Datasheet HTML 11Page - Analog Devices SSM2135S Datasheet HTML 12Page - Analog Devices SSM2135S Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
REV. E
SSM2135
–9–
APPLICATION CIRCUITS
Low Noise Stereo Headphone Driver Amplifier
Figure 1 shows the SSM2135 used in a stereo headphone driver
for multimedia applications with the AD1848, a 16-bit stereo
codec. The SSM2135 is equally well suited for the serial-bused
AD1849 stereo codec. The headphone’s impedance can be as
low as 25
W, which covers most commercially available high fidel-
ity headphones. Although the amplifier can operate at up to
±18 V
supply, it is just as efficient powered by a single 5 V. At this
voltage, the amplifier has sufficient output drive to deliver
distortion-free sound to a low impedance headphone.
LOUT
VCC
GND
VREF
AD1848
ROUT
40
35/36
32
41
10k
8.66k
470 F
+5V
0.1 F
10 F
L CH.
R CH.
10k
8.66k
0.1 F
34/37
1
2
3
5
6
7
470 F
0.1 F
10 F
1/2
SSM2135
4
8
AGND
1/2
SSM2135
Figure 1. A Stereo Headphone Driver for Multimedia
Sound Codec
Figure 2 shows the total harmonic distortion characteristics
versus frequency driving into a 32
W load, which is a very
typical impedance for a high quality stereo headphone. The
SSM2135 has excellent power supply rejection, and as a result,
is tolerant of poorly regulated supplies. However, for best sonic
quality, the power supply should be well regulated and heavily
bypassed to minimize supply modulation under heavy loads. A
minimum of 10
mF bypass is recommended.
1
20
20k
0.010
100
1k
10k
0.1
0.0005
0.001
AUDIO PRECISION
THD+(%) VS FREQ(Hz)
Figure 2. Headphone Driver THD+N vs. Frequency into a
32
W Load (VS = 5 V, with 80 kHz Low-Pass Filter)
Low Noise Microphone Preamplifier
The SSM2135’s 4.7 nV/
÷Hz input noise in conjunction with
low distortion makes it an ideal device for amplifying low level
signals such as those produced by microphones. Figure 3 illus-
trates a stereo microphone input circuit feeding a multimedia
sound codec. As shown, the gain is set at 100 (40 dB), although
it can be set to other gains depending on the microphone output
levels. Figure 4 shows the preamplifier’s harmonic distortion
performance with 1 V rms output while operating from a single
5 V supply.
The SSM2135 is biased to 2.25 V by the VREF pin of the AD1848
codec. The same voltage is buffered by the 2N4124 transistor to
provide “phantom power” to the microphone. A typical electret
condenser microphone with an impedance range of 100
W to 1 kW
works well with the circuit. This power booster circuit may be
omitted for dynamic microphone elements.
L CHANNEL
MIC IN
R CHANNEL
MIC IN
2k
+5V
10 F
10k
2N4124
100
LMIC
VCC
GND
VREF
AD1848
RMIC
2k
10 F
10k
10 F
0.1 F
100
10k
10k
SSM2135
0.1 F
10 F
+5V
2
3
4
1/2
1
8
SSM2135
5
6
1/2
7
+5V
29
35/36
34/37
32
28
Figure 3. Low Noise Microphone Preamp for Multimedia
Sound Codec
1
20
20k
0.1
100
1k
10k
0.010
AUDIO PRECISION
THD+(%) VS FREQ(Hz)
Figure 4. MIC Preamp THD+N Performance (VS = 5 V,
AV = 40 dB, VOUT = 1 V rms, with 80 kHz Low-Pass Filter)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com