전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L4987CPT87 데이터시트(PDF) 10 Page - STMicroelectronics

부품명 L4987CPT87
상세설명  VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT AND DROPOUT CONTROL FLAG
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4987CPT87 데이터시트(HTML) 10 Page - STMicroelectronics

Back Button L4987CPT87 Datasheet HTML 3Page - STMicroelectronics L4987CPT87 Datasheet HTML 4Page - STMicroelectronics L4987CPT87 Datasheet HTML 5Page - STMicroelectronics L4987CPT87 Datasheet HTML 6Page - STMicroelectronics L4987CPT87 Datasheet HTML 7Page - STMicroelectronics L4987CPT87 Datasheet HTML 8Page - STMicroelectronics L4987CPT87 Datasheet HTML 9Page - STMicroelectronics L4987CPT87 Datasheet HTML 10Page - STMicroelectronics L4987CPT87 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
2.2
2.4
0.086
0.094
A1
0.9
1.1
0.035
0.043
A2
0.03
0.23
0.001
0.009
B
0.4
0.6
0.015
0.023
B2
5.2
5.4
0.204
0.212
C
0.45
0.6
0.017
0.023
C2
0.48
0.6
0.019
0.023
D
6
6.2
0.236
0.244
E
6.4
6.6
0.252
0.260
G
4.9
5.25
0.193
0.206
G1
2.38
2.7
0.093
0.106
H
9.35
10.1
0.368
0.397
L2
0.8
1
0.031
0.039
L4
0.6
1
0.023
0.039
0078180/B
PPAK MECHANICAL DATA
L4987 SERIES
10/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11