전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L6180 데이터시트(PDF) 4 Page - STMicroelectronics

부품명 L6180
상세설명  OCTAL LINE RECEIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6180 데이터시트(HTML) 4 Page - STMicroelectronics

  L6180 Datasheet HTML 1Page - STMicroelectronics L6180 Datasheet HTML 2Page - STMicroelectronics L6180 Datasheet HTML 3Page - STMicroelectronics L6180 Datasheet HTML 4Page - STMicroelectronics L6180 Datasheet HTML 5Page - STMicroelectronics L6180 Datasheet HTML 6Page - STMicroelectronics L6180 Datasheet HTML 7Page - STMicroelectronics L6180 Datasheet HTML 8Page - STMicroelectronics L6180 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
ELECTRICAL CHARACTERISTICS (VCC =5V
±5%; VCM = -7 to 7V; Tamb = 0 to 70°C;
VSS = -9 to 13.5V; VDD = 9 to 13.5V; unless otherwise specified.)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
fR
Frequency Rejected
(No Receiver Output)
VIN = 2Vpp;
(see fig. 8 and note 7)
5
MHz
Note:
1) The algebric convention, where the less positive (more negative) is designed the minimum
2) With the voltage VIA or (VIB) ranging between
±15V, while VIB or (VIA) is open or grounded, the resultant input current IIA or (IIB) shall remain
within the shaded region shown in the graph in Fig.1.
3) Either Point B’ or Point A’ is grounded in Figure 1
4) VICC measured from grounded to (+) input with (-) input grounded
VICC measured from grounded to (+) input with (-) input grounded
5) Not more than one output should be shorted at a time and for less than 1 seond
6) The sum of the product of the maximum supply currents and voltages cannot exceed themaximum power dissipation
7)
A: The conditions for the inpit switching from VIOCL to VIOCH mode is: Vid in start bit ”spacing condition”for less than TpVioch (5ms).
B: The conditions for the input switching from VIOCH to VIOCL mode is: Vid > WW2 for greater than TpVIOCL (200ms)
8)
An example of a frequency response plot meeting the rejection/acceptance requirements is provided in figure 8.
LINE TRANSIENT IMMUNITY (Considering the following cases; powered ON, Powered OFF-LOW im-
pedance power supply and powered OFF-HIGH impedance supply)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
ESD
Static
tested per MIL-STD-883
(see note 9)
2KV
EOS
Stress
transient pulse both polarities
for 100
µs (see note 9 and Fig. 2)
50
V
Note:
9) All pins are required to withstand this parameters.
10) Input pins are required to withstand fig.2 without any degradation to the circuit.
11) The balance test requirement can be met by use of a current limit circuit which reduces the input bias current Iib (see figure 7)
for input voltages below a threshold voltage given by (Iib x 1K) - 400mV.
Figure 1: Input Current Voltage Mesurements
L6180 - L6181
4/10



Html Pages

1 2 3 4 5 6 7 8 9 10