전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LL6 데이터시트(PDF) 5 Page - Klein Tools, Inc.

부품명 LL6
상세설명  Hex-Key Wrenches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KLEIN [Klein Tools, Inc.]
홈페이지  https://www.kleintools.com/
Logo KLEIN - Klein Tools, Inc.

LL6 데이터시트(HTML) 5 Page - Klein Tools, Inc.

  LL6 Datasheet HTML 1Page - Klein Tools, Inc. LL6 Datasheet HTML 2Page - Klein Tools, Inc. LL6 Datasheet HTML 3Page - Klein Tools, Inc. LL6 Datasheet HTML 4Page - Klein Tools, Inc. LL6 Datasheet HTML 5Page - Klein Tools, Inc. LL6 Datasheet HTML 6Page - Klein Tools, Inc. LL6 Datasheet HTML 7Page - Klein Tools, Inc. LL6 Datasheet HTML 8Page - Klein Tools, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
T-Handle Hex-Key Sets with Stand - Metric
Includes core Journeyman™ T-handle hex-key features plus:
• Metal stand for convenient mounting on bench or wall
• Short blade-through handle provides maximum tool versatility
JTH68M
Cat. No.
Set Contains
Weight
JTH68M
6" Metric Journeyman T-Handle Set 8 Pc
1.8 lb (0.8 kg)
Cat. No.
Hex Size
Blade Length
JTH6M2
2 mm
6" (152.4 mm)
JTH6M25
2.5 mm
6" (152.4 mm)
JTH6M3
3 mm
6" (152.4 mm)
JTH6M4
4 mm
6" (152.4 mm)
JTH6M5
5 mm
6" (152.4 mm)
JTH6M6
6 mm
6" (152.4 mm)
JTH6M8
8 mm
6" (152.4 mm)
JTH6M10
10 mm
6" (152.4 mm)
Cat. No.
Set Contains
Weight
JTH98M
9" Metric Journeyman T-Handle Set 8 Pc
2.1 lb (1.0 kg)
Cat. No.
Hex Size
Blade Length
JTH9M2
2 mm
9" (228.6 mm)
JTH9M25
2.5 mm
9" (228.6 mm)
JTH9M3
3 mm
9" (228.6 mm)
JTH9M4
4 mm
9" (228.6 mm)
JTH9M5
5 mm
9" (228.6 mm)
JTH9M6
6 mm
9" (228.6 mm)
JTH9M8
8 mm
9" (228.6 mm)
JTH9M10
10 mm
9" (228.6 mm)
T-Handle Hex-Keys - TORX®
Includes core features plus:
• Short blade-through handle provides maximum tool versatility
JTH6T40
Cat. No.
Hex Size
Blade Length
Weight
JTH6T10
T10
6" (152.4 mm)
0.80 oz (22.7 g)
JTH6T15
T15
6" (152.4 mm)
1.0 oz (28 g)
JTH6T20
T20
6" (152.4 mm)
1.1 oz (31 g)
JTH6T25
T25
6" (152.4 mm)
0.13 lb (0.06 kg)
JTH6T27
T27
6" (152.4 mm)
0.16 lb (0.07 kg)
JTH6T30
T30
6" (152.4 mm)
0.18 lb (0.08 kg)
JTH6T40
T40
6" (152.4 mm)
0.29 lb (0.13 kg)
TORX® is a trademark of Acument Intellectual Properties, LLC.
T-Handle Hex-Key Set with Stand - TORX®
Includes core features plus:
• Metal stand for convenient mounting on bench or wall
• Short blade-through handle provides maximum tool versatility
JTH67T
Cat. No.
Set Contains
Weight
JTH67T
6" Torx® T-Handle Set with Stand 7 Pc
1.3 lb (0.6 kg)
Cat. No.
Hex Size
Blade Length
JTH6T10
T10
6" (152.4 mm)
JTH6T15
T15
6" (152.4 mm)
JTH6T20
T20
6" (152.4 mm)
JTH6T25
T25
6" (152.4 mm)
JTH6T27
T27
6" (152.4 mm)
JTH6T30
T30
6" (152.4 mm)
JTH6T40
T40
6" (152.4 mm)
TORX® is a trademark of Acument Intellectual Properties, LLC.
T-Handle Hex-Keys
Hex-Key Wrenches
See page 310 for additional information on warnings.
www.kleintools.com
93



Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com