전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MS62256H 데이터시트(PDF) 7 Page - Mosel Vitelic, Corp

부품명 MS62256H
상세설명  32K x 8 HIGH SPEED CMOS STATIC RAM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOSEL [Mosel Vitelic, Corp]
홈페이지  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

MS62256H 데이터시트(HTML) 7 Page - Mosel Vitelic, Corp

  MS62256H Datasheet HTML 1Page - Mosel Vitelic, Corp MS62256H Datasheet HTML 2Page - Mosel Vitelic, Corp MS62256H Datasheet HTML 3Page - Mosel Vitelic, Corp MS62256H Datasheet HTML 4Page - Mosel Vitelic, Corp MS62256H Datasheet HTML 5Page - Mosel Vitelic, Corp MS62256H Datasheet HTML 6Page - Mosel Vitelic, Corp MS62256H Datasheet HTML 7Page - Mosel Vitelic, Corp MS62256H Datasheet HTML 8Page - Mosel Vitelic, Corp MS62256H Datasheet HTML 9Page - Mosel Vitelic, Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
MOSEL-VITELIC
MS62256H
Switching Waveforms (Write Cycle)
WRITE CYCLE 2(1,6)
NOTES:
1.
W must be high during address transitions.
2.
The internal write time of the memory is defined by the overlap E active and W low. Both signals must be active to initiate and
any one signal can terminate a write by going inactive. The data input setup and hold timing should be referenced to the second
transition edge of the signal that terminates the write.
3.
TWR is measured from the earlier of E or W going high at the end of write cycle.
4.
During this period, DQ pins are in the output state so that the input signals of opposite phase to the outputs must not be applied.
5.
If the E low transition occurs simultaneously with the W low transitions or after the W low transition, outputs remain in a high
impedance state.
6.
G is continuously low (G = VIL).
7.
DOUT is the same phase of write data of this write cycle.
8.
DOUT is the read data of next address.
9.
If E is low during this period, DQ pins are in the output state. Then the data input signals of opposite phase to the outputs must
not be applied to them.
10. Transition is measured ±500mV from steady state with CL = 5pF as shown in Figure 1b on page 4. This parameter is guaran-
teed and not 100% tested.
11. tCW is measured from E going low to the end of write.



Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com