전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

01304011 데이터시트(PDF) 6 Page - TE Connectivity Ltd

부품명 01304011
상세설명  Wire Management Products
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TEC [TE Connectivity Ltd]
홈페이지  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

01304011 데이터시트(HTML) 6 Page - TE Connectivity Ltd

Back Button 01304011 Datasheet HTML 2Page - TE Connectivity Ltd 01304011 Datasheet HTML 3Page - TE Connectivity Ltd 01304011 Datasheet HTML 4Page - TE Connectivity Ltd 01304011 Datasheet HTML 5Page - TE Connectivity Ltd 01304011 Datasheet HTML 6Page - TE Connectivity Ltd 01304011 Datasheet HTML 7Page - TE Connectivity Ltd 01304011 Datasheet HTML 8Page - TE Connectivity Ltd 01304011 Datasheet HTML 9Page - TE Connectivity Ltd 01304011 Datasheet HTML 10Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 106 page
background image
www.hubbell-wiring.com
V-6
Wiring Device-Kellems
®
DUA-PULL® Grips
Diameter Range
Approx.
Breaking
Strength
Lbs. (N)
E
Inches (cm)
M
Inches (cm)
Eye B
Diameter
Inches (cm)
Over Cable
and Grip**
Inches (cm)
Color Code
Catalog Number
Conductor
Inches (cm)
Rope*
Inches (cm)
.19"-.37"
(.48-.94)
.25"-.65"
(.63-1.65)
6,500
(28,912)
10" (25.40)
24" (60.96)
.220" (.56)
.200" (.51)
Black
033271037
.38"-.62"
(.97-1.57)
.50"-.90"
(1.27-2.29)
14,000
(62,272)
12" (30.48)
36" (91.44)
.375" (.95)
.280" (.71)
Dk Green
033271038
.63"-.87"
(1.60-2.21)
.75"-1.10"
(1.90-2.79)
20,000
(88,960)
13" (33.02)
48" (121.92)
.437" (1.11)
.360" (.91)
Red
033271039
.88"-1.12"
(2.24-2.84)
1.00"-1.50"
(2.54-3.81)
30,600
(136,109)
15" (38.10)
60" (152.40)
.500" (1.27)
.500" (1.27)
Dk Blue
033271040
1.13"-1.37"
(2.87-3.48)
1.25"-1.70"
(3.17-4.32)
46,800
(208,166)
18" (45.72)
76" (193.04)
.625" (1.59)
.625" (1.59)
Yellow
033271041
1.38"-1.90"
(3.51-4.38)
1.50"-2.10"
(3.81-5.33)
66,500
(295,792)
24" (60.96)
89" (226.06)
.750" (1.90)
.750" (1.90)
Aluminum
033271042
Note: E = Eye length. M = Mesh length at nominal diameter.
*For rope, select smallest size grip which meets required work load.
**Add to cable or rope diameter.
Kellems® Wire Management Products
Overhead Pulling Grips
Galvanized Steel
DUA-PULL® Grips, Flexible Eye, Double Weave Mesh
DUA-PULL Pulling Grips are the highest strength pulling grips manufactured for overhead
transmission line stringing applications. They have a dual function, not provided by any
other grip, of working with both bare and insulated conductors
and synthetic rope.
IMPORTANT
Read all breaking strength,
safety and technical data
relating to this product.
Pages V-17 to V-26.
DUA-PULL® Feed Tube
For Use with
DUA- PULL Grip
Rope Diameter
Inches (cm)
Feed Tube Length
Inches (cm)
Catalog Number
033271037
.25"-.65" (.63-1.65)
28" (71.12)
091061043
033271038
.50"-.90" (1.27-2.29)
40" (101.60)
091061044
033271039
.75"-1.10" (1.90-2.79)
52" (132.08)
091061045
033271040
1.00"-1.50" (2.54-3.81)
67" (170.18)
091061046
033271041
1.25"-1.70" (3.17-4.32)
83" (210.82)
091061047
033271042
1.50"-2.10" (3.81-5.33)
96" (243.84)
091061048
M
B
E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com