전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

01304009 데이터시트(PDF) 10 Page - TE Connectivity Ltd

부품명 01304009
상세설명  Wire Management Products
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TEC [TE Connectivity Ltd]
홈페이지  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

01304009 데이터시트(HTML) 10 Page - TE Connectivity Ltd

Back Button 01304009 Datasheet HTML 6Page - TE Connectivity Ltd 01304009 Datasheet HTML 7Page - TE Connectivity Ltd 01304009 Datasheet HTML 8Page - TE Connectivity Ltd 01304009 Datasheet HTML 9Page - TE Connectivity Ltd 01304009 Datasheet HTML 10Page - TE Connectivity Ltd 01304009 Datasheet HTML 11Page - TE Connectivity Ltd 01304009 Datasheet HTML 12Page - TE Connectivity Ltd 01304009 Datasheet HTML 13Page - TE Connectivity Ltd 01304009 Datasheet HTML 14Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 106 page
background image
www.hubbell-wiring.com
V-10
Wiring Device-Kellems
®
Slack Grip-Closed Mesh, Offset Eye, Double Weave, Galvanized Steel
Cable Diameter Range
Inches (cm)
Approx. Breaking
Strength Lbs. (N)
E
Inches (cm)
M
Inches (cm)
Catalog Number
Standard
.75"-.99" (1.90-2.51)
2,600 (11,565)
7" (17.78)
12" (30.48)
03308003
1.00"-1.24" (2.54-3.15)
4,000 (17,792)
8" (20.32)
15" (38.10)
03308004
1.25"-1.49" (3.17-3.78)
5,400 (24,019)
8" (20.32)
16" (40.64)
03308005
1.50"-1.74" (3.81-4.42)
6,600 (29,357)
8" (20.32)
20" (50.80)
03308006
1.75"-1.99" (4.44-5.05)
10,000 (44,480)
10" (25.40)
18" (45.72)
03308007
2.00"-2.49" (5.08-6.32)
11,000 (48,928)
10" (25.40)
19" (48.26)
03308008
2.50"-2.99" (6.35-7.59)
11,000 (48,928)
10" (25.40)
20" (50.80)
03308009
3.00"-3.49" (7.62-8.86)
14,500 (64,496)
12" (30.48)
21" (53.34)
03308010
3.50"-3.99" (8.89-10.13)
14,500 (64,496)
12" (30.48)
22" (55.88)
03308011
Note: E- Eye length. M-Mesh length at nominal diameter.
See page V-25 for multiple cables in a single pulling grip.
Kellems® Wire Management Products
Special Purpose Pulling Grips
Non-Conductive and Slack Pulling
Non-Conductive Grips
Kellems® Non-Conductive Pulling Grips, made of a high strength, non-conductive aramid
fiber, are available for pulling single cable or cable bundles. Their braided double weave
design adds strength and positive holding power.
Non-Conductive Grips, Single Eye, Double Weave, Non-Metallic
Cable Diameter Range
Inches (cm)
Approx. Breaking
Strength Lbs. (N)
E
Inches (cm)
M
Inches (cm)
A
Inches (cm)
Color Code
Catalog Number
.50"-.62" (1.27-1.57)
4,000 (17,792)
5.5" (13.97)
24" (60.96)
.44" (1.12)
Green
03628001
.63"-.74" (1.60-1.88)
5,000 (22,240)
5.5" (13.97)
26" (66.04)
.44" (1.12)
Yellow
03628002
.75"-.99" (1.90-2.51)
6,000 (26,688)
6.0" (15.24)
31" (78.74)
.63" (1.60)
Red
03628003
1.00"-1.24" (2.54-3.15)
6,000 (26,688)
6.5" (16.51)
36" (91.44)
.63" (1.60)
Blue
03628004
1.25"-1.49" (3.17-3.78)
6,000 (26,688)
6.7" (17.02)
41.5" (105.41)
.63" (1.60)
White
03628005
1.50"-1.99" (3.815.05)
6,000 (26,688)
8.0" (20.32)
44.0" (121.76)
.63" (1.60)
Pink
03628006
IMPORTANT
Read all breaking strength,
safety and technical data
relating to this product.
Pages V-17 to V-26.
Slack Pulling Grips
Slack Pulling Grips are offered in three styles made of galvanized steel. The closed
type is used when the cable end is accessible. When not accessible, there are
split lace and split rod closing styles. All grips feature a single offset eye for easy
attachment to a pulling line.
M
E
M
E
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com