전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

01304029 데이터시트(PDF) 4 Page - TE Connectivity Ltd

부품명 01304029
상세설명  Wire Management Products
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TEC [TE Connectivity Ltd]
홈페이지  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

01304029 데이터시트(HTML) 4 Page - TE Connectivity Ltd

  01304029 Datasheet HTML 1Page - TE Connectivity Ltd 01304029 Datasheet HTML 2Page - TE Connectivity Ltd 01304029 Datasheet HTML 3Page - TE Connectivity Ltd 01304029 Datasheet HTML 4Page - TE Connectivity Ltd 01304029 Datasheet HTML 5Page - TE Connectivity Ltd 01304029 Datasheet HTML 6Page - TE Connectivity Ltd 01304029 Datasheet HTML 7Page - TE Connectivity Ltd 01304029 Datasheet HTML 8Page - TE Connectivity Ltd 01304029 Datasheet HTML 9Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 106 page
background image
www.hubbell-wiring.com
V-4
Wiring Device-Kellems
®
Kellems® Wire Management Products
Quick Reference Selection Guide for Grip Applications
Universal Eye
Used to fasten
around a structure or
closed loop. Available
on standard duty
support and light or
heavy duty service
drop grips. See
pages V-31
and V-35.
Single Eye
For single hook
attachment
of permanent
indoor/outdoor
cable. Available
on heavy-duty,
standard duty,
and service drop
grips. See pages
V-28, V-32, and
V-34.
Heavy-Duty
Rotating Eye
For underground
wiring and overhead
heavy-duty pulling
of service lines and
new construction
cable. See pages
V-7 and V-8.
Deluxe Cord
Indoor or outdoor
use where subject to
moisture, splash, or
washdown. Examples
are enclosures, crane
hoist and pendant
drop stations, hand
tools, pumps,
and processing
equipment. Available
in straight, 90°, or 45°
configurations. See
pages V-58 to V-61.
Single Offset Eye
For offset hook
attachment of
permanent indoor/
outdoor cable.
Available on
standard duty and
light-duty support
grips. See page
V-30.
Light-Duty
Flexible Eye
For light industrial
pulling of electrical
cable and for
underground and
industrial plant wiring
and re-wiring.
See page V-12.
Dust-Tight
Strain Relief
Indoor use only for
wiring of electrical
enclosures,
machine tools,
portable power
tools, bus drop
cable systems.
See page V-63.
Double Eye
For double hook
attachment of
permanent indoor/
outdoor cable.
Available on heavy-
duty and standard
duty grips. See
pages V-29 and
V-33.
Heavy-Duty
Flexible Eye
For overhead
transmission and
distribution line
stringing. See pages
V-6, V-7, and V-9.
Liquid-Tight,
Flexible Metal
Conduit
Wiring of machine
tools, electrical
enclosures, motors,
and systems
subjected to vibration,
flexure, motion, or
strain. Available in
straight, 90°, or 45°
configurations. See
pages V-66 to V-68.
Slack Grips
For removing
underground cable
and pulling slack in
existing cable and
new installations
and when end of
cable is not available.
See pages V-10
and V-11.
Splicing Grips
Used as temporary splice for cable and wire rope, or as reinforcement to protect cables and hoses. See pages V-13 and V-14.
Conduit Riser Grips
Ideal for supporting electrical wires inside rigid conduit via a supporting ring. See pages V-38 to V-40.
Hose Containment Grips
Used on flexible hose lines to prevent violent whipping of hose in the event of failure at the fitting. See page V-55.
Specifications are subject to change without notice.
Support Grips
Strain Relief Grips
Support Grips
Pulling Grips
Other Specialty Grips
Wide Range
Bus Drop
Used indoors for
cable support
where flexible
cable connects
electrical
equipment to bus
duct. Support air
hose and water
hose. See page
V-36.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com