전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMBB003DB2 데이터시트(PDF) 1 Page - Japan Aviation Electronics Industry, Ltd.

부품명 SMBB003DB2
상세설명  SMB Series Coaxial Connector
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  JAE [Japan Aviation Electronics Industry, Ltd.]
홈페이지  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

SMBB003DB2 데이터시트(HTML) 1 Page - Japan Aviation Electronics Industry, Ltd.

  SMBB003DB2 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. SMBB003DB2 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMBB003DB2
Features
Coaxial connector, Frequency range to 3GHz, push-on coupling, 1 pos., Cable side connector, 0.085 inch semi-flexible, Right
angle, Plug
Part Number
SMBB003DB2
Status
Active(NRND)
Number of Positions
1 pos.
Rated Current (A)
  
Connector Type
Cable side connector
Connector Style
Right angle
Plug/ Jack
Plug
Characteristic Impedance
(ohm)
50
Frequency Range (GHz)
DC to 3
V.S.W.R.
1.3
Applicable Cable Type
(Equivalent)
0.085 inch semi-flexible
Mounting Method
Free hanging
Locking Feature
Push-on
Dielectric Withstanding
Voltage (VACr.m.s. 1minute)
500
Product Details


유사한 부품 번호 - SMBB003DB2

제조업체부품명데이터시트상세설명
logo
Japan Aviation Electron...
SMBB003DB2 JAE-SMBB003DB2 Datasheet
370Kb / 9P
COAXIAL CONNECTORS
More results

유사한 설명 - SMBB003DB2

제조업체부품명데이터시트상세설명
logo
Amphenol Corporation
FA1-NDRP-PCB-9 AMPHENOL-FA1-NDRP-PCB-9 Datasheet
2Mb / 23P
FAKRA SMB CONNECTORS COAXIAL CABLE
logo
DDK Ltd.
27CP-P-1.5-CF DDK-27CP-P-1.5-CF Datasheet
786Kb / 5P
75 廓 SMB Style Coaxial Connector
27DP-P-1.5QEV-AA-CF DDK-27DP-P-1.5QEV-AA-CF Datasheet
501Kb / 9P
SMB Type Coaxial Connector
logo
Huber+Suhner, Inc.
11_SMB-50-1-40111_N HUBERSUHNER-11_SMB-50-1-40111_N Datasheet
155Kb / 2P
COAXIAL CONNECTOR, SMB, 50 Ohm, Straight cable plug (male)
11_SMB-50-2-11111_N HUBERSUHNER-11_SMB-50-2-11111_N Datasheet
356Kb / 2P
COAXIAL CONNECTOR, SMB, 50 Ohm, Straight cable plug (male)
11_SMB-50-2-40111_N HUBERSUHNER-11_SMB-50-2-40111_N Datasheet
154Kb / 2P
COAXIAL CONNECTOR, SMB, 50 Ohm, Straight cable plug (male)
11_SMB-50-2-40111_NH-1 HUBERSUHNER-11_SMB-50-2-40111_NH-1 Datasheet
154Kb / 2P
COAXIAL CONNECTOR, SMB, 50 Ohm, Straight cable plug (male)
11_SMB-50-2-41111_N HUBERSUHNER-11_SMB-50-2-41111_N Datasheet
155Kb / 2P
COAXIAL CONNECTOR, SMB, 50 Ohm, Straight cable plug (male)
11_SMB-50-3-3133_N HUBERSUHNER-11_SMB-50-3-3133_N Datasheet
923Kb / 2P
COAXIAL CONNECTOR, SMB, 50 Ohm, Straight cable plug (male)
16_SMB-50-2-111111_N HUBERSUHNER-16_SMB-50-2-111111_N Datasheet
133Kb / 2P
COAXIAL CONNECTOR, SMB, 50 Ohm, Right angle cable plug (male)
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com