| 전자부품 데이터시트 검색엔진 |
|
VE2201K0JS 데이터시트(PDF) 3 Page - TE Connectivity Ltd |
|
|
|||||||||||||||||||||||||||||
VE2201K0JS 데이터시트(HTML) 3 Page - TE Connectivity Ltd |
|
3 / 4 page ![]() 3 INDUSTRIAL / VITREOUS ENAMEL COATED POWER RESISTOR TYPE VE SERIES Vitreous Enamel Coated Power Resistor Type VE Series Type Rated Power (W) D (max) L ±1.6 L' ±2 H ±2 W ±1 P ±2 a ±1 c ±0.15 d ±1 g ±1.0 b ±0.2 Solder lug f min. Screw type lug f ±2.0 VE15 15 15.1 38.1 78.1 40 15 63.1 27 0.65 5.5 18 6 2.7 3.2 VE25 25 15.1 50.8 90.8 40 15 75.8 38 0.65 5.5 18 6 2.7 3.2 VE45 45 15.1 76.2 116.2 40 15 101.2 65 0.65 5.5 18 6 2.7 3.2 VE70 70 23 76.2 126.2 58.5 18 111.2 60 0.95 12.0 25 8 3.8 4.3 VE90 90 23 101.6 151.6 58.5 18 136.6 85 0.95 12.0 25 8 3.8 4.3 VE130 130 33.3 101.6 151.6 72.5 28 136.6 68 0.95 18.5 29 8 3.8 4.3 VE220 220 33.3 152.4 202.4 72.5 28 187.4 119 0.95 18.5 29 8 3.8 4.3 VE300 300 33.3 203.2 253.2 72.5 28 238.2 170 0.95 18.5 29 8 3.8 4.3 VE400 400 33.3 266.7 316.7 72.5 28 301.7 230 0.95 18.5 29 8 3.8 4.3 VE500 500 33.3 304.8 354.8 72.5 28 339.8 270 0.95 18.5 29 8 3.8 4.3 MARKING • Company name or Logo • TE series • Resistance value • Tolerance • Date code (YYMM) PACKAGING Note: All dimensions are in mm. VE15 VE25 VE45 VE75 VE90 VE130 VE220 VE300 VE400 VE500 L 140 140 325 325 325 340 325 340 325 325 W 130 130 190 190 190 220 210 220 210 210 H 90 90 95 95 95 110 95 110 95 95 Qty per box 50 50 50 25 25 25 10 10 5 5 Unit gross weight (GR’s) 15 18 25 50 65 145 210 280 360 410 Box dimensions (mm) WITH MOUNTING BRACKETS VE130 3K3 J XXXX L' P SLOT W D |