전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HD34-24-23PN-059 데이터시트(PDF) 59 Page - TE Connectivity Ltd

부품명 HD34-24-23PN-059
상세설명  CONNECTOR SELECTOR
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TEC [TE Connectivity Ltd]
홈페이지  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

HD34-24-23PN-059 데이터시트(HTML) 59 Page - TE Connectivity Ltd

Back Button HD34-24-23PN-059 Datasheet HTML 55Page - TE Connectivity Ltd HD34-24-23PN-059 Datasheet HTML 56Page - TE Connectivity Ltd HD34-24-23PN-059 Datasheet HTML 57Page - TE Connectivity Ltd HD34-24-23PN-059 Datasheet HTML 58Page - TE Connectivity Ltd HD34-24-23PN-059 Datasheet HTML 59Page - TE Connectivity Ltd HD34-24-23PN-059 Datasheet HTML 60Page - TE Connectivity Ltd HD34-24-23PN-059 Datasheet HTML 61Page - TE Connectivity Ltd HD34-24-23PN-059 Datasheet HTML 62Page - TE Connectivity Ltd HD34-24-23PN-059 Datasheet HTML 63Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 164 page
background image
INDUSTRIAL & COMMERCIAL TRANSPORTATION /// CONNECTOR SELECTOR
PAGE 59
ELECTRICAL CONNECTORS
CONTACT SIZE(S)
PART DESCRIPTION
PART NUMBER
WEDGE/
TPA
16
Recept., HD30, 18 shell, 14 way, E seal, reverse, cable clamp
HD34-18-14SE-059
N/A
16
Recept., HD30, 18 shell, 14 way, E seal, reverse, adapter
HD34-18-14SE-072
N/A
16
Recept., HD30, 18 shell, 14 way, N seal, reverse
HD34-18-14SN
N/A
16
Recept., HD30, 18 shell, 14 way, N seal, reverse, cable clamp
HD34-18-14SN-059
N/A
16
Recept., HD30, 18 shell, 14 way, N seal, reverse, adapter
HD34-18-14SN-072
N/A
12 sz. 16,
1 sz. 12, 1 sz. 4
Recept., HD30, 24 shell, 14 way, E seal
HD34-24-14PE
N/A
12 sz. 16,
1 sz. 12, 1 sz. 4
Recept., HD30, 24 shell, 14 way, E seal, cable clamp
HD34-24-14PE-059
N/A
12 sz. 16,
1 sz. 12, 1 sz. 4
Recept., HD30, 24 shell, 14 way, E seal, adapter
HD34-24-14PE-072
N/A
12 sz. 16,
1 sz. 12, 1 sz. 4
Recept., HD30, 24 shell, 14 way, N seal
HD34-24-14PN
N/A
12 sz. 16,
1 sz. 12, 1 sz. 4
Recept., HD30, 24 shell, 14 way, N seal, cable clamp
HD34-24-14PN-059
N/A
12 sz. 16,
1 sz. 12, 1 sz. 4
Recept., HD30, 24 shell, 14 way, N seal, adapter
HD34-24-14PN-072
N/A
12 sz. 16,
1 sz. 12, 1 sz. 4
Recept., HD30, 24 shell, 14 way, N seal, reverse
HD34-24-14SN
N/A
12 sz. 16,
1 sz. 12, 1 sz. 4
Recept., HD30, 24 shell, 14 way, N seal, reverse, cable clamp
HD34-24-14SN-059
N/A
12 sz. 16,
1 sz. 12, 1 sz. 4
Recept., HD30, 24 shell, 14 way, N seal, reverse, adapter
HD34-24-14SN-072
N/A
16
Plug, HD30, 18 shell, 14 way, E seal, reverse
HD36-18-14PE
N/A
16
Plug, HD30, 18 shell, 14 way, E seal, reverse, cable clamp
HD36-18-14PE-059
N/A
16
Plug, HD30, 18 shell, 14 way, E seal, reverse, adapter
HD36-18-14PE-072
N/A
16
Plug, HD30, 18 shell, 14 way, N seal, reverse
HD36-18-14PN
N/A
16
Plug, HD30, 18 shell, 14 way, N seal, reverse, cable clamp
HD36-18-14PN-059
N/A
16
Plug, HD30, 18 shell, 14 way, N seal, reverse, adapter
HD36-18-14PN-072
N/A
16
Plug, HD30, 18 shell, 14 way, E seal
HD36-18-14SE
N/A
16
Plug, HD30, 18 shell, 14 way, E seal, cable clamp
HD36-18-14SE-059
N/A
16
Plug, HD30, 18 shell, 14 way, E seal, adapter
HD36-18-14SE-072
N/A
16
Plug, HD30, 18 shell, 14 way, N seal
HD36-18-14SN
N/A
16
Plug, HD30, 18 shell, 14 way, N seal, cable clamp
HD36-18-14SN-059
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com