전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

25CS160-H/Q4B 데이터시트(PDF) 44 Page - Microchip Technology

부품명 25CS160-H/Q4B
상세설명  16-Kbit SPI Serial EEPROM with 128-Bit Serial Number
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25CS160-H/Q4B 데이터시트(HTML) 44 Page - Microchip Technology

Back Button 25CS160-H/Q4B Datasheet HTML 40Page - Microchip Technology 25CS160-H/Q4B Datasheet HTML 41Page - Microchip Technology 25CS160-H/Q4B Datasheet HTML 42Page - Microchip Technology 25CS160-H/Q4B Datasheet HTML 43Page - Microchip Technology 25CS160-H/Q4B Datasheet HTML 44Page - Microchip Technology 25CS160-H/Q4B Datasheet HTML 45Page - Microchip Technology 25CS160-H/Q4B Datasheet HTML 46Page - Microchip Technology 25CS160-H/Q4B Datasheet HTML 47Page - Microchip Technology 25CS160-H/Q4B Datasheet HTML 48Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 53 page
background image
 2026 Microchip Technology Inc. and its subsidiaries
Preliminary
DS20007008B-page 44
25CS160
RECOMMENDED LAND PATTERN
Microchip Technology Drawing No. C04-2028-C8X Rev.F
6-Lead Plastic Small Outline Transistor (C8X) [SOT-23]
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
Notes:
1. Dimensioning and tolerancing per ASME Y14.5M
Dimension Limits
Contact Pad Length (X6)
Overall Width
Distance Between Pads
Contact Pad Width (X6)
Contact Pitch
Contact Pad Spacing
3.90
1.10
G
Z
Y
1.70
0.60
MAX
MIN
C
X
E
Units
NOM
0.95 BSC
2.80
MILLIMETERS
Distance Between Pads
GX
0.35
E
X
GX
Y
G
C
Z
SILK SCREEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53