| 전자부품 데이터시트 검색엔진 |
|
ADA4410-6ACPZ-R2 데이터시트(PDF) 6 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADA4410-6ACPZ-R2 데이터시트(HTML) 6 Page - Analog Devices |
|
6 / 16 page ![]() ADA4410-6 Data Sheet Rev. C | Page 6 of 16 Parameter Test Conditions/Comments Min Typ Max Unit POWER SUPPLY Operating Range 4.5 12 V Quiescent Current 86 93 mA Quiescent Current—Disabled 15 150 µA PSRR, Positive Supply All channels except CV 62 72 dB CV channel 59 66 dB PSRR, Negative Supply All channels except CV 55 62 dB CV channel 52 56 dB |